Electronic Components Datasheet Search
  English  ▼

X  

LTC2374 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2374
Description  16-Bit/18-Bit, 1.6Msps/1Msps/500ksps 8-Channel, SAR ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2374 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2374 Datasheet HTML 4Page - Linear Technology LTC2374 Datasheet HTML 5Page - Linear Technology LTC2374 Datasheet HTML 6Page - Linear Technology LTC2374 Datasheet HTML 7Page - Linear Technology LTC2374 Datasheet HTML 8Page - Linear Technology LTC2374 Datasheet HTML 9Page - Linear Technology LTC2374 Datasheet HTML 10Page - Linear Technology LTC2374 Datasheet HTML 11Page - Linear Technology LTC2374 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
dc2071afc
DEMO MANUAL DC2071A
DC890 Data Collection
For SINAD, THD or SNR testing, a low noise, low distortion
generatorsuchastheB&KType1051orStanfordResearch
SR1 should be used. A low jitter RF oscillator such as the
Rohde & Schwarz SMB100A or DC1216A-A high speed
clock source is used to drive the clock input. This demo
board is tested in-house by attempting to duplicate the
FFT plot shown in the Typical Performance Characteristics
section of the LTC2373-18 data sheet. This involves using
a 62MHz clock source, along with a sinusoidal generator
at a frequency of approximately 1kHz. The input signal
level is approximately –1dBFS. A typical FFT obtained
with DC2071A is shown in Figure 7. Note that to calculate
the real SNR, the signal level (F1 amplitude = –1.001dB)
has to be added back to the SNR that PScope displays.
With the example shown in Figure 7 this means that the
actual SNR would be 100.60dB instead of the 99.60dB that
PScope displays. Taking the RMS sum of the recalculated
SNR and the THD yields a SINAD of 100.4dB which is fairly
close to the typical number for this ADC.
Figure 7. PScope Screen Shot
DC2071A SETUP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com