Electronic Components Datasheet Search
  English  ▼

X  

LTC2374 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2374
Description  16-Bit/18-Bit, 1.6Msps/1Msps/500ksps 8-Channel, SAR ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2374 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2374 Datasheet HTML 3Page - Linear Technology LTC2374 Datasheet HTML 4Page - Linear Technology LTC2374 Datasheet HTML 5Page - Linear Technology LTC2374 Datasheet HTML 6Page - Linear Technology LTC2374 Datasheet HTML 7Page - Linear Technology LTC2374 Datasheet HTML 8Page - Linear Technology LTC2374 Datasheet HTML 9Page - Linear Technology LTC2374 Datasheet HTML 10Page - Linear Technology LTC2374 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
dc2071afc
DEMO MANUAL DC2071A
Figure 6. Eight Single-Ended Inputs Converted to Fully Differential
R18
1k
R17
1k
R13
0
C104
25pF
V–
C103
25pF
V+
C27
0.1µF
C24
1000pF
C29
0.1µF
–
+
8
1
7
3
2
4
LT6237
8
5
6
4
LT6237
R16
24.9
CM
BUFOUT
BUFOUT
REFBUF
REFBUF
E1
VDD
VCCI0
–
+
LT6237
U1
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CNV
SCK
SDI
SDO
BUSY
RESET
RDL
31
32
1
2
7
8
9
10
30
16
21
20
22
19
24
18
+
–
C8
1200pF
C9
OPT
C14
1200pF
C16
OPT
C17
OPT
C20
OPT
C21
3300pF
C22
3300pF
C23
3300pF
C25
1500pF
C26
OPT
C28
1500pF
C15
1000pF
C10
10µF
25V
0805
C11
0.1µF
C7
10µF
25V
0805
C6
0.1µF
C12
0.1µF
C13
47µF
10V
1210
X7R
R130
0
R131
0
R11
1k
R12
1k
R129
1k
R7
24.9
REF
JP1
EXT
INT
3
2
1
C19
4.7µF
LTC237X
U7A
U7B
DC2071A SETUP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com