Electronic Components Datasheet Search
  English  ▼

X  

MP5010 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP5010
Description  5V, 1A- 5A Programmable Current Limit Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5010 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP5010 Datasheet HTML 1Page - Monolithic Power Systems MP5010 Datasheet HTML 2Page - Monolithic Power Systems MP5010 Datasheet HTML 3Page - Monolithic Power Systems MP5010 Datasheet HTML 4Page - Monolithic Power Systems MP5010 Datasheet HTML 5Page - Monolithic Power Systems MP5010 Datasheet HTML 6Page - Monolithic Power Systems MP5010 Datasheet HTML 7Page - Monolithic Power Systems MP5010 Datasheet HTML 8Page - Monolithic Power Systems MP5010 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP5010 – 5V, 5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5010 Rev.0.92
www.MonolithicPower.com
5
9/2/2014
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, VEN=3.3V, RLIMIT=22Ω, COUT=10uF, Cdv/dt =1nF, TA=25°C, unless otherwise noted.
1.85
1.9
1.95
2
2.05
2.1
3.5
4
4.5
5
5.5
6
INPUT VOLTAGE(V)
1.1
1.15
1.2
1.25
1.3
3.5
4
4.5
5
5.5
6
INPUT VOLTAGE (V)
45
46
47
48
49
50
51
52
3.5
4
4.5
5
5.5
6
INPUT VOLTAGE(V)
Input-to-output Voltage vs.
Load Current
Supply Current, Ouput Enabled
vs. Input Voltage
no load
0
20
40
60
80
100
120
140
0
0.5
1
1.5
2
2.5
3
LOAD CURRENT (A)
Hold Current vs.
Input Voltage
INPUT VOLTAGE (V)
Trip Current vs.
Input Voltage
INPUT VOLTAGE (V)
Current Limit Response vs.
Peak Current
20
30
40
50
60
0
5 10 15 20 25 30 35 40
PEAK CURRENT (A)
Trip Current & Hold Current
vs. Rlimit
0
1
2
3
4
0
20
40
60
80 100 120
R LIMIT
1.8
1.9
2
2.1
2.2
3.5
4
4.5
5
5.5
6
2.9
3
3.1
3.2
3.3
3.4
3.5
4
4.5
5
5.5
6
Trip Current
Hold Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com