Electronic Components Datasheet Search
  English  ▼

X  

MP5010 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5010
Description  5V, 1A- 5A Programmable Current Limit Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5010 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5010 Datasheet HTML 4Page - Monolithic Power Systems MP5010 Datasheet HTML 5Page - Monolithic Power Systems MP5010 Datasheet HTML 6Page - Monolithic Power Systems MP5010 Datasheet HTML 7Page - Monolithic Power Systems MP5010 Datasheet HTML 8Page - Monolithic Power Systems MP5010 Datasheet HTML 9Page - Monolithic Power Systems MP5010 Datasheet HTML 10Page - Monolithic Power Systems MP5010 Datasheet HTML 11Page - Monolithic Power Systems MP5010 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP5010 – 5V, 5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5010 Rev.0.92
www.MonolithicPower.com
11
9/2/2014
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PCB Layout
PCB layout is very important to achieve stable
operation. Please follow these guidelines and
take below figure for reference.
Place Rlimit close to I_limit pin, Cdv/dt close to
dv/dt pin and input cap close to Vcc pin. Keep the
N/C pin float. Put vias in thermal pad and ensure
enough copper area near Vcc and source to
achieve better thermal performance.
SOURCE
EN/ FAULT
dv/dt
5
4
3
2
1
6
7
8
9
10
I_LIMIT
N/C
GND
GND
VIN
VOUT
C3
SOURCE
SOURCE
SOURCE
SOURCE
EN/ FAULT
VIN
RLIMIT
VIN
Top Layer
Bottom Layer
Figure 3―PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com