Electronic Components Datasheet Search
  English  ▼

X  

MP5010 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP5010
Description  5V, 1A- 5A Programmable Current Limit Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5010 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP5010 Datasheet HTML 4Page - Monolithic Power Systems MP5010 Datasheet HTML 5Page - Monolithic Power Systems MP5010 Datasheet HTML 6Page - Monolithic Power Systems MP5010 Datasheet HTML 7Page - Monolithic Power Systems MP5010 Datasheet HTML 8Page - Monolithic Power Systems MP5010 Datasheet HTML 9Page - Monolithic Power Systems MP5010 Datasheet HTML 10Page - Monolithic Power Systems MP5010 Datasheet HTML 11Page - Monolithic Power Systems MP5010 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MP5010 – 5V, 5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5010 Rev.0.92
www.MonolithicPower.com
9
9/2/2014
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Current Limit
The desired current limit is a function of the
external current limit resistor.
Table 1—Current Limit vs. Current Limit
Resistor (VCC=5V)
Current Limit Resistor (Ω)
22
50
100
Trip Current (A)
3.3
2.0
1.9
Hold Current (A)
2.1
0.9
0.6
When the part is active, if load reaches trip
current (minimum threshold current triggering
overcurrent protection) or a short is present, the
part switches into to a constant-current (hold
current) mode. Part will be shutdown only if the
overcurrent condition stays long enough to
trigger thermal protection.
However, when the part is powered up by VCC
or EN, the load current should be smaller than
hold current. Otherwise, the part can’t be fully
turned on.
In a typical application using a current limit
resistor of 22Ω, the trip current will be 3.3A and
the hold current will be 2.1A. If the device is in
its normal operating state and passing 2.0A it
will need to dissipate only 176mW with the very
low on resistance of 44mΩ. For the package
dissipation of 50°C/Watt, the temperature rise
will only be + 9°C. Combined with a 25°C
ambient, this is only 34°C total package
temperature.
During a short circuit condition, the device now
has 5V across it and the hold current clamps at
2.1A and therefore must dissipate 10.5W. At
50°C/watt, if uncontrolled, the temperature
would
rise
above
the
MP5010
thermal
protection (+175°C) and shutdown the device to
cause the temperature to drop below a
hysteresis level. Proper heat sink must be used
if the device is intended to supply the hold
current and not shutdown. Without a heat sink,
hold current should be maintained below
600mA at + 25°C and below 360mA at +85°C to
prevent the device from activating the thermal
shutdown feature.
Rise Time
The rise time is a function of the capacitor
(Cdv/dt) on the dv/dt pin.
Table 2—Rise Time vs. Cdv/dt
Cdv/dt
none
50pF
500pF
1nF
Rise Time
(TYPICAL)
(ms)
1.1
2.2
12.3
23.5
* Notes: Rise Time = KRT*(50pF+Cdv/dt), KRT =22E6
The “rise time” is measured by from 10% to
90% of output voltage.
U
90%
10%
Rise Time
t
Input
Output
Enable
Figure 2—Rise Time
Fault and Enable Pin
The Enable/Fault Pin is a Bi-Directional three
levels I/O with a weak pull up current (25uA
typical). The three levels are low, mid and high.
It functions to enable/disable the part and to
relay Fault information.
Enable pin as an input:
1. Low and mid disable the part.
2. Low, in addition to disabling the part,
clears the fault flag.
3. High enables the part (if the fault flag is
clear).
Enable pin as an output:
1. The pull up current may (if not over
ridden) allow a “wired nor” pull up to
enable the part.
2. An under voltage will cause a low on
the enable pin, and will clear the fault
flag.
3. A thermal fault will cause a mid level on
the enable pin, and will set the fault flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com