Electronic Components Datasheet Search
  English  ▼

X  

MP5010S Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5010S
Description  5V, 1A- 5A Programmable Current Limit Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5010S Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5010S Datasheet HTML 1Page - Monolithic Power Systems MP5010S Datasheet HTML 2Page - Monolithic Power Systems MP5010S Datasheet HTML 3Page - Monolithic Power Systems MP5010S Datasheet HTML 4Page - Monolithic Power Systems MP5010S Datasheet HTML 5Page - Monolithic Power Systems MP5010S Datasheet HTML 6Page - Monolithic Power Systems MP5010S Datasheet HTML 7Page - Monolithic Power Systems MP5010S Datasheet HTML 8Page - Monolithic Power Systems MP5010S Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP5010S
– 5V, 5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5010S Rev. 1.0
www.MonolithicPower.com
3
8/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 5V, RLIMIT=22Ω, Capacitive Load= 10μF, TA=25C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Power FET
Delay Time
(5)
tDLY
Enabling of chip to ID=40mA
with a 5Ω resistive load
0.2
m
s
ON Resistance
RDSon
TJ=25°C
40
55
m
Ω
TJ=85°C
(6)
52
Off State Output Voltage
VOFF
VCC=18V, VEN=0V,
RL=500Ω
120
mV
Thermal Latch
Shutdown Temperature
(6)
TSD
175
°C
Under/Over Voltage Protection
Output Clamping Voltage
VCLAMP
Overvoltage Protection
VCC=8V
5.95
6.65
7.35
V
Under Voltage Lockout
VUVLO
Rising Edge
3.2
3.6
4.0
V
Under Voltage Lockout (UVLO)
Hysteresis
VHYST
0.4
V
Current Limit
(7)
Hold Current
ILIM-SS
0
Ω Short Resistance,
RLIM=22Ω
1.2
2
2.8
A
Trip Current
ILIM-OL
RLIM=22Ω
3.1
A
dv/dt Circuit
Rise Time
(8)
Tr
Float dv/dt pin
0.4
1.1
2.6
ms
Enable/Fault
Low Level Input Voltage
VIL
Output Disabled
0.5
V
Intermediate Level Input Voltage
VI (INT)
Thermal Fault, Output
Disabled
0.82
1.4
1.95
V
High Level Input Voltage
VIH
Output Enabled
2.5
V
High State Maximum Voltage
VI (MAX)
4.95
V
Pull Up Current (Source)
IIL
VENABLE=0V
15
25
35
μA
Maximum Fanout for Fault Signal
Total number of chips that
can be connected for
simultaneous shutdown
3
Units
Maximum Voltage on Enable Pin
(9)
VMAX
VCC
V
Total Device
Bias Current
IBIAS
Device Operational
815
900
μA
Thermal Shutdown
580
650
Minimum Operating Voltage for
UVLO
VMIN
Enable<0.5V
2.5
V
Notes:
5) Related to Rise Time. See description in Fault and Enable Pin Section on Page 9.
6) Guaranteed by design.
7) Guaranteed by Characterization Test.
8) Measured from 10% to 90%.
9) Maximum Input Voltage on Enable pin to be
≤6V if V
CC ≥ 6V. Maximum Input Voltage on Enable pin to be VCC if VCC ≤ 6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com