Electronic Components Datasheet Search
  English  ▼

X  

MP5010S Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5010S
Description  5V, 1A- 5A Programmable Current Limit Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5010S Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5010S Datasheet HTML 5Page - Monolithic Power Systems MP5010S Datasheet HTML 6Page - Monolithic Power Systems MP5010S Datasheet HTML 7Page - Monolithic Power Systems MP5010S Datasheet HTML 8Page - Monolithic Power Systems MP5010S Datasheet HTML 9Page - Monolithic Power Systems MP5010S Datasheet HTML 10Page - Monolithic Power Systems MP5010S Datasheet HTML 11Page - Monolithic Power Systems MP5010S Datasheet HTML 12Page - Monolithic Power Systems MP5010S Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MP5010S
– 5V, 5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5010S Rev. 1.0
www.MonolithicPower.com
11
8/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
Current Limit Setting
The desired current limit is a function of the
external current limit resistor.
Table 2
—Current Limit vs. Current Limit Resistor
(VCC=5V)
RLIMIT (Ω)
15.4
22
51
100
Trip
Current (A)
4
3.1
2.1
1.8
Hold
Current (A)
3
2
0.9
0.5
Rise Time Setting
The rise time is a function of the capacitor
(Cdv/dt) on the dv/dt pin.
Table 3
—Rise Time vs. Cdv/dt
Cdv/dt
none
50pF
500pF
1nF
Rise Time
(TYPICAL)(ms)
1.1
2.2
12.3
23.5
* Notes: Rise Time = KRT*(50pF+Cdv/dt), KRT =22E6
The “rise time” is measured by from 10% to 90%
of output voltage.
Figure 2
—Rise Time
PCB Layout
PCB layout is very important to achieve stable
operation. Please follow these guidelines and
take below figure for reference.
Place Rlimit close to I_limit pin, Cdv/dt close to
dv/dt pin and input cap close to Vcc pin. Keep the
N/C pin float. Put vias in thermal pad and ensure
enough copper area near Vcc and source to
achieve better thermal performance.
SOURCE
EN/ FAULT
dv/dt
5
4
3
2
1
6
7
8
9
10
I_LIMIT
N/C
GND
GND
VIN
VOUT
C3
SOURCE
SOURCE
SOURCE
SOURCE
EN/ FAULT
VIN
RLIMIT
Top Layer
VIN
Bottom Layer
Figure 3
―PCB Layout
Design Example
Below is a direct current sensing design example
following
the
application
guidelines
for
the
specifications:
Table 4
—Design Example
VIN
5V
Trip Current
3.1A
Hold Current
2A
The detailed application schematic is shown in
Figure 4. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
device applications, please refer to the related
Evaluation Board Datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com