Electronic Components Datasheet Search
  English  ▼

X  

MP5010S Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP5010S
Description  5V, 1A- 5A Programmable Current Limit Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5010S Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP5010S Datasheet HTML 3Page - Monolithic Power Systems MP5010S Datasheet HTML 4Page - Monolithic Power Systems MP5010S Datasheet HTML 5Page - Monolithic Power Systems MP5010S Datasheet HTML 6Page - Monolithic Power Systems MP5010S Datasheet HTML 7Page - Monolithic Power Systems MP5010S Datasheet HTML 8Page - Monolithic Power Systems MP5010S Datasheet HTML 9Page - Monolithic Power Systems MP5010S Datasheet HTML 10Page - Monolithic Power Systems MP5010S Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MP5010S
– 5V, 5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5010S Rev. 1.0
www.MonolithicPower.com
7
8/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1-5
SOURCE
This pin is the source of the internal power FET and the output terminal of the
IC.
6
N/C
DO NOT CONNECT, The pin must be float.
7
I-Limit
A resistor between this pin and the Source pin sets the overload and short
circuit current limit levels.
8
Enable/Fault
The Enable/Fault pin is a tri-state, bi-directional interface. It can be used to
enable the output of the device by floating the pin, or disable the chip by pulling
it to ground (using an open drain or open collector device). If a thermal fault
occurs, the voltage on this pin will go to an intermediate state to signal a
monitoring circuit that the device is in thermal shutdown.
9
dv/dt
The internal dv/dt circuit controls the slew rate of the output voltage at turn on.
10
GND
Negative Input Voltage to the Device. This is used as the internal reference for
the IC.
11
(Exposed Pad)
VCC
Positive input voltage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com