Electronic Components Datasheet Search
  English  ▼

X  

SSD1854Z Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # SSD1854Z
Description  LCD Segment / Common Driver with Controller CMOS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1854Z Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button SSD1854Z Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1854Z Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1854Z Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1854Z Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1854Z Datasheet HTML 39Page - List of Unclassifed Manufacturers SSD1854Z Datasheet HTML 40Page - List of Unclassifed Manufacturers SSD1854Z Datasheet HTML 41Page - List of Unclassifed Manufacturers SSD1854Z Datasheet HTML 42Page - List of Unclassifed Manufacturers SSD1854Z Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
SSD1854
Series
Rev 1.0
08/2002
SOLOMON
34
11 AC CHARACTERISTICS
Table 11 - AC Characteristics (Unless otherwise specified, Voltage Referenced to VSS, VDD, VCI = 2.7V,
TA = -20 to 85
°C)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
∆Fosc
Variation of Oscillation Frequency
Oscillator Resistor = 680K
Ω
-10
-
+10
%
Frame Frequency =
MUX
)
1
PWM
(
FOSC
×
+
where
Fosc is the oscillation Frequency
PWM is the Pulse Width Modulation level
MUX is the multiplex ratio
Example 1:
Fosc = 120KHz; PWM = 9 level; MUX = 160
Frame Frequency = 75 Hz
Example 2:
Fosc = 120KHz; PWM = 15 level; MUX = 128
Frame Frequency = 58.6 Hz
Oscillation Frequency at different VDD
60.00
90.00
120.00
150.00
180.00
210.00
1.8
2.1
2.4
2.7
3
3.3
VDD (V)
470K
560K
680K
820K
1000K
Figure 8 - Oscillation Frequency at different VDD at 25
°°°°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com