Electronic Components Datasheet Search
  English  ▼

X  

SSD1854Z Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SSD1854Z
Description  LCD Segment / Common Driver with Controller CMOS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1854Z Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SSD1854Z Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1854Z Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1854Z Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1854Z Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1854Z Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1854Z Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1854Z Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1854Z Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1854Z Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
SSD1854
Series
Rev 1.0
08/2002
SOLOMON
8
6
PIN DESCRIPTION
6.1
RES
This pin is reset signal input. When the pin is low, initialization of the chip is executed.
6.2
PS0-2
These 3 pins use together to determine the interface protocol between the driver and MCU according
to the following table.
Table 3 - PS0-2 Interface
PS0
PS1
PS2
Interface
L
L
X
3-wire SPI (write only)
L
H
X
4-wire SPI (write only)
H
8080 parallel interface (8-bits read and 16-bits write)
H
L
L
8080 parallel interface (8-bits read and 8-bits write)
H
6800 parallel interface (8-bits read and 16-bits write)
H
H
L
6800 parallel interface (8-bits read and 8-bits write)
6.3
CS
This pin is chip select input. The chip is enabled for display data/command transfer only when CS is
low.
For 6800-series parallel mode, when E pin is pulled high, the read/write cycle is initiated by pulling low
of this CS pin.
6.4
D/ C
This input pin is to identify display data/command cycle. When the pin is high, the data written to the
driver will be written into display RAM. When the pin is low, the data will be interpreted as command.
This pin must be connected to VSS when 3-lines SPI interface is used.
6.5
R/W ( WR )
This pin is microprocessor interface signal. When interfacing to an 6800-series microprocessor, the
signal indicates read mode when high and write mode when low. When interfacing to an 8080-
microprocessor, a data write operation is initiated when R/W( WR ) is low and the chip is selected.
6.6
E( RD )
This pin is microprocessor interface signal. When interfacing to an 6800-series microprocessor, a data
operation is initiated when E( RD ) is high and the chip is selected. When interfacing to an 8080-
microprocessor, a data read operation is initiated when E( RD ) is low and the chip is selected.
6.7
D0 -D15
D0-D7 are bi-directional and D8-D15 are input only data pins to be connected to the microprocessor’s
data bus. When serial mode is selected, D7 is the serial data input SDA and D6 is the serial clock input
SCK. All unused data pins must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com