Electronic Components Datasheet Search
  English  ▼

X  

SFH-4735 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-4735
Description  SMD epoxy package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4735 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-4735 Datasheet HTML 1Page - OSRAM GmbH SFH-4735 Datasheet HTML 2Page - OSRAM GmbH SFH-4735 Datasheet HTML 3Page - OSRAM GmbH SFH-4735 Datasheet HTML 4Page - OSRAM GmbH SFH-4735 Datasheet HTML 5Page - OSRAM GmbH SFH-4735 Datasheet HTML 6Page - OSRAM GmbH SFH-4735 Datasheet HTML 7Page - OSRAM GmbH SFH-4735 Datasheet HTML 8Page - OSRAM GmbH SFH-4735 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2017-02-21
1
2017-02-21
OSLON Black Flat (IR broad band emitter) - 120°
Version 1.1
SFH 4735
Ordering Information
Features:
•
SMD epoxy package
•
ThinGaN (UX:3)
•
Wide viewing angle of 120°
•
Improved Corrosion Robustness
•
Low thermal resistance (Max. 9 K/W)
Applications
•
Illumination source for spectroscopy
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Total Radiant Flux
Ordering Code
Φ
e [mW]
I
F = 350 mA, tp = 20 ms
SFH 4735
200
Q65111A9885
Note:
Measured with integrating sphere.


Similar Part No. - SFH-4735

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4730 OSRAM-SFH-4730 Datasheet
229Kb / 7P
Ostar Observation
SFH-4737 OSRAM-SFH-4737 Datasheet
1Mb / 18P
IR Broadband Emitter
Version 1.1 2022-02-22
More results

Similar Description - SFH-4735

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAM67F-V1AB-24 OSRAM-LAM67F-V1AB-24 Datasheet
536Kb / 21P
SMD epoxy package
LUWH9QP-5M8M-HNJN-1 OSRAM-LUWH9QP-5M8M-HNJN-1 Datasheet
969Kb / 24P
SMD epoxy package
LYH9PP-HZKX-46-1 OSRAM-LYH9PP-HZKX-46-1 Datasheet
750Kb / 22P
SMD epoxy package
KWH5L531.TE OSRAM-KWH5L531.TE Datasheet
861Kb / 23P
SMD epoxy package
LUWH9QP OSRAM-LUWH9QP Datasheet
955Kb / 24P
SMD epoxy package
KR-DMLN31.23 OSRAM-KR-DMLN31.23 Datasheet
676Kb / 22P
SMD epoxy package
KR-DMLQ31.23 OSRAM-KR-DMLQ31.23 Datasheet
710Kb / 21P
SMD epoxy package
KY-DMLN31.23 OSRAM-KY-DMLN31.23 Datasheet
666Kb / 22P
SMD epoxy package
KY-DMLN31.FY OSRAM-KY-DMLN31.FY Datasheet
704Kb / 23P
SMD epoxy package
LR-H9PP OSRAM-LR-H9PP Datasheet
726Kb / 22P
SMD epoxy package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com