Electronic Components Datasheet Search
  English  ▼

X  

SFH-4735 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-4735
Description  SMD epoxy package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4735 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-4735 Datasheet HTML 1Page - OSRAM GmbH SFH-4735 Datasheet HTML 2Page - OSRAM GmbH SFH-4735 Datasheet HTML 3Page - OSRAM GmbH SFH-4735 Datasheet HTML 4Page - OSRAM GmbH SFH-4735 Datasheet HTML 5Page - OSRAM GmbH SFH-4735 Datasheet HTML 6Page - OSRAM GmbH SFH-4735 Datasheet HTML 7Page - OSRAM GmbH SFH-4735 Datasheet HTML 8Page - OSRAM GmbH SFH-4735 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Version 1.1
SFH 4735
2017-02-21
3
Relative Spectral Emission 1) page 12
Irel = f (λ), TA = 25 °C, IF = 350 mA, tp = 10 ms
Relative Total Radiant Flux 1) page 12
Φe/Φe(350mA) = f (IF), TA = 25 °C, Single pulse,
tp = 100 μs
Max. Permissible Forward Current
IF = f (TS), RthJS = 9 K/W
Forward Current 1) page 12
IF = f(VF), single pulse, tp = 100 µs, TA= 25°C
SFH 4735
0
20
40
60
80
100
TA [°C]
0
200
400
600
IF [A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com