Electronic Components Datasheet Search
  English  ▼

X  

SFH-4735 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH-4735
Description  SMD epoxy package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4735 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH-4735 Datasheet HTML 1Page - OSRAM GmbH SFH-4735 Datasheet HTML 2Page - OSRAM GmbH SFH-4735 Datasheet HTML 3Page - OSRAM GmbH SFH-4735 Datasheet HTML 4Page - OSRAM GmbH SFH-4735 Datasheet HTML 5Page - OSRAM GmbH SFH-4735 Datasheet HTML 6Page - OSRAM GmbH SFH-4735 Datasheet HTML 7Page - OSRAM GmbH SFH-4735 Datasheet HTML 8Page - OSRAM GmbH SFH-4735 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2017-02-21
2
Version 1.1
SFH 4735
Maximum Ratings (TA = 25 °C)
Characteristics (T
A = 25 °C)
Parameter
Symbol
Values
Unit
Operation and storage temperature range
T
op; Tstg
-40 ... 85
°C
Junction temperature
T
j
125
°C
Forward current
I
F
500
mA
Surge current
(t
p ≤ 1 ms, D = 0)
I
FSM
1
A
Power consumption
Ptot
1900
mW
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
VESD
2
kV
Thermal resistance junction - soldering point
RthJS
9
K / W
Note:
For the forward current and power consumption please see "maximum permissible forward current" diagram
Parameter
Symbol
Values
Unit
Half angle
(typ)
ϕ
± 60
°
Forward voltage
(IF = 350 mA, tp = 20 ms)
(typ (max)) VF
2.95 (≤ 3.5)
V
Forward voltage
(I
F = 500 mA, tp = 100 µs)
(typ (max)) VF
3 (≤ 3.8)
V
Reverse current
(V
R = 5 V)
I
R
not designed for
reverse operation
µA
Radiant intensity
(IF = 350 mA, tp=20 ms, λ = 350 - 600nm)
I
e, typ
59
mW/sr
Radiant intensity
(IF = 350 mA, tp=20 ms, λ = 600 - 1050nm)
Ie, typ
5
mW/sr
Total radiant flux
(I
F = 350 mA, tp=20 ms, λ = 350 - 600nm)
(typ)
Φe
184
mW
Total radiant flux
(I
F = 350 mA, tp=20 ms, λ = 600 - 1050nm)
(typ)
Φ
e
16
mW
Spectral flux
(IF = 350 mA, tp = 20 ms, λ = 750 nm)
(typ)
Φ
e, λ
60
µW/nm
Spectral flux
(IF = 350 mA, tp = 20 ms, λ = 850 nm)
(typ)
Φe, λ
45
µW/nm
Spectral flux
(I
F = 350 mA, tp = 20 ms, λ = 950 nm)
(typ)
Φe, λ
45
µW/nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com