Electronic Components Datasheet Search
  English  ▼

X  

MP4655 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP4655
Description  Pure, Single-Stage, LLC, LED Current and System Voltage Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4655 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP4655 Datasheet HTML 11Page - Monolithic Power Systems MP4655 Datasheet HTML 12Page - Monolithic Power Systems MP4655 Datasheet HTML 13Page - Monolithic Power Systems MP4655 Datasheet HTML 14Page - Monolithic Power Systems MP4655 Datasheet HTML 15Page - Monolithic Power Systems MP4655 Datasheet HTML 16Page - Monolithic Power Systems MP4655 Datasheet HTML 17Page - Monolithic Power Systems MP4655 Datasheet HTML 18Page - Monolithic Power Systems MP4655 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
MP4655–PURE, SINGLE-STAGE, LLC, LED CURRENT AND SYSTEM VOLTAGE CONTROLLER
MP4655 Rev 1.0
www.MonolithicPower.com
15
2/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VDR_DN
Drive voltage for the extra MOSFET.
VDR_DN is formed by the charge pump and is
referred to SOURCE.
2
GATEN
Gate of the extra N-channel MOSFET.
3
SOURCE
Source of the extra N-channel MOSFET.
4
FTH_CMODE
FTH_CMODE sets the threshold frequency to shut down the LLC when capacitive
mode is detected.
Its typical voltage is 1.2V. The sourcing current through
FTH_CMODE determines the threshold frequency. When capacitive mode is detected,
the IC discharges SS and increases the operating frequency. If the operating frequency
is higher than this threshold frequency when capacitive mode is detected, the IC latches
up LLC and the IOCP/FAULT signal output is high.
5
CMODE
Detection of capacitive mode.
The secondary side winding voltage is fed back on
CMODE for capacitive mode detection.
6
SS
Soft start.
SS functions as a soft start and also sets the operating frequency together
with FSET. Connect a capacitor from SS to GND to set the soft-start time. An internal
10µA sourcing current charges this capacitor to 2.4V at soft start. Connect a resistor
between SS and FSET to set the operating frequency together with the resistor from
FSET to GND.
7
VOCP
Over-current protection of the system bus voltage stage.
VOCP senses the
secondary current of the system bus voltage stage. When VOCP is lower than -203mV,
the IC triggers a bus stage protection. VOCP is also used for the inner current control
loop for the bus voltage compensation to control the extra MOSFET duty cycle.
8
FSET
Frequency set.
Connect a resistor from FSET to GND, and another resistor between
FSET and SS. The operating frequency is determined by the sourcing current through
FSET. The voltage of FSET and the operating frequency are programmed by the
current control loop and the voltage control loop.
9
VCOMP
Feedback compensation node of the voltage control loop.
Connect a compensation
capacitor or an R-C network from VCOMP to GND. The VCOMP voltage is internally
clamped between 1.02V and 2.28V, which limits the operating frequency range.
10
VFB
Bus voltage feedback.
VFB feeds back the bus voltage for regulation. Its inner
reference voltage is 1.2V. VFB is also used for over-voltage protection of the bus
voltage stage. When VFB exceeds 1.5V, the over-voltage protection of the bus voltage
stage is triggered. VFB also functions as the open feedback loop protection. If VFB is
lower than 50% of its reference voltage and VCOMP or DCOMP is saturated for 512
cycles, the IC triggers the bus voltage stage protection.
11
DCOMP
Feedback compensation node of the voltage control loop
. DCOMP is used to
program the duty cycle of the extra N-channel MOSFET. Connect a compensation
capacitor or an R-C network from DCOMP to GND.
12
IFB
LED current feedback input.
IFB feeds back the LED current through a sensing
resistor. The internal error amplifier sinks a current from ICOMP proportional to the
absolute value of the voltage at IFB. The average voltage at IFB is regulated to the
reference voltage (controlled by the ADIM voltage, 199mV when ADIM is high). The
voltage on IFB is also used for LED over-current detection. When the voltage on IFB
rises higher than 415mV for 340μs or when the voltage rises higher than 555mV, the IC
triggers the LED stage protection. IFB also functions as the LED current open feedback
loop protection. If the IFB voltage is lower than 50% of its reference voltage and the
ICOMP is saturated for 1024 cycles, the IC triggers the LED stage protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com