Electronic Components Datasheet Search
  English  ▼

X  

MP4655 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP4655
Description  Pure, Single-Stage, LLC, LED Current and System Voltage Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4655 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP4655 Datasheet HTML 14Page - Monolithic Power Systems MP4655 Datasheet HTML 15Page - Monolithic Power Systems MP4655 Datasheet HTML 16Page - Monolithic Power Systems MP4655 Datasheet HTML 17Page - Monolithic Power Systems MP4655 Datasheet HTML 18Page - Monolithic Power Systems MP4655 Datasheet HTML 19Page - Monolithic Power Systems MP4655 Datasheet HTML 20Page - Monolithic Power Systems MP4655 Datasheet HTML 21Page - Monolithic Power Systems MP4655 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
MP4655–PURE, SINGLE-STAGE, LLC, LED CURRENT AND SYSTEM VOLTAGE CONTROLLER
MP4655 Rev 1.0
www.MonolithicPower.com
18
2/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP4655 is a pure, single-stage, LLC, LED
current and system voltage controller for LED
backlighting located on the secondary side. The
MP4655 uses the LLC power stage and an extra
N-channel MOSFET to regulate both the LED
current and the system supply voltage. The
MP4655 is powered by 9V to 35V input supplies
that output two 180 degree phase shifted driving
signals for the external LLC power stages. Its
enhanced 12V gate driver provides adequate
driving capability and can directly drive the
external LLC MOSFETs through an external gate
driving transformer. The MP4655 also provides a
direct driving signal to control the extra N-
channel MOSFET and regulates the system
supply voltage.
The MP4655 uses frequency control on the LLC
power stage to regulate the LED current at the
PWM dimming on interval and the system bus
voltage at the PWM dimming off interval. The
duty cycle of the extra N-channel MOSFET
regulates the system bus voltage at the PWM on
interval. Both the LED current and the system
bus voltage are regulated accurately.
Internal Regulator
The MP4655 includes an internal linear regulator
(VCC). VCC is the supply voltage for the LLC
gate driver, the charge pump, and the internal
circuit. The MP4655 features under-voltage
lockout for both the VCC regulator and the inner
circuit. Until VIN exceeds its UVLO threshold, the
VCC regulator does not work. The chip is
disabled until VCC exceeds its UVLO threshold.
The internal VCC regulator is also controlled by
the IC enable signal (PS_ON).
Charge Pump and Extra N-Channel MOSFET
Driver
The MP4655 integrates a charge pump that
drives the extra N-channel MOSFET directly (see
Figure 2). The charge pump is powered by VCC
and outputs a high-frequency square wave signal.
Together with an external C-diode network, the
charge pump forms a floating driver supply
voltage on VDR_DN referred to the SOURCE
voltage with an amplitude close to VCC. This
floating driver supply voltage can directly drive
the extra N-channel MOSFET.
Figure 2: Charge Pump for Extra N-Channel
MOSFET Driver
Operation Modes and System Start-Up
The MP4655 is controlled by its enable signal
(PS_ON) and uses the following operating
modes:
1. PS_ON > 2V: the IC is enabled in normal
operation mode.
2. 0.8V < PS_ON ≤ 2V for 1ms: the IC is
disabled and no circuits work.
3. PS_ON ≤ 0.8V: the IC is enabled in standby
mode.
It is very easy to set up the system connection,
whether the MP4655 is required to do so in
standby or not.
When the MP4655 is enabled and the VIN supply
is higher than its UVLO threshold, VCC is
charged up. When VCC passes its UVLO
threshold, the IC starts up. The voltage resets the
control loop for LLC frequency control, voltage
control loop for the extra N-channel MOSFET
duty cycle control, and the soft-start capacitor.
EN_LED and PWMIN control the start-up of the
LED driver stage. If either EN_LED or PWMIN
are low, the LED driver stage is disabled and
DIMO is pulled low. The system operates in
constant voltage mode, and VSystem is regulated
through the LLC frequency control. The extra N-
channel MOSFET is on in this condition. If either
EN_LED or PWMIN are high, the LED driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com