Electronic Components Datasheet Search
  English  ▼

X  

MP5016 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5016
Description  2.7 - 15V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Blocking
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5016 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5016 Datasheet HTML 1Page - Monolithic Power Systems MP5016 Datasheet HTML 2Page - Monolithic Power Systems MP5016 Datasheet HTML 3Page - Monolithic Power Systems MP5016 Datasheet HTML 4Page - Monolithic Power Systems MP5016 Datasheet HTML 5Page - Monolithic Power Systems MP5016 Datasheet HTML 6Page - Monolithic Power Systems MP5016 Datasheet HTML 7Page - Monolithic Power Systems MP5016 Datasheet HTML 8Page - Monolithic Power Systems MP5016 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MP5016
– 2.7 - 15V, 0.7 - 5A, PROGRAMMABLE, CURRENT-LIMITED SWITCH
MP5016 Rev.1.0
www.MonolithicPower.com
3
6/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
VCC, SOURCE.............................. -0.3V to 26V
MODE............................................ -0.3V to 26V
GATE....................................... SOURCE+ 5.5V
All other pins............................... -0.3V to +5.5V
Junction temperature ............... -40°C to +150°C
Lead temperature .................................... 260°C
Continuous power dissipation (TA = +25°C)
(2)
....................................................................................... (4)
QFN-10 (1.5mmx2mm) ............................2.23W
Recommended Operating Conditions
(3)
Supply voltage (VCC) ..................... 2.7V to 15V
Output voltage (SOURCE) .............. 2.7V to 15V
Operating junction temp. (TJ) ... -40°C to +125°C
Thermal Resistance
θJA
θJC
QFN-10 (1.5mmx2mm)
EV5016H-QH-00A
(4) ............ 56....... 18 ... °C/W
JESD51-7
(5) ........................ 130...... 25 ... °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces the excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its operating
conditions.
4) Measured on EV5016-QH-00A, 2-layer PCB, 50mmx50mm.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com