Electronic Components Datasheet Search
  English  ▼

X  

MP5016 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5016
Description  2.7 - 15V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Blocking
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5016 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5016 Datasheet HTML 1Page - Monolithic Power Systems MP5016 Datasheet HTML 2Page - Monolithic Power Systems MP5016 Datasheet HTML 3Page - Monolithic Power Systems MP5016 Datasheet HTML 4Page - Monolithic Power Systems MP5016 Datasheet HTML 5Page - Monolithic Power Systems MP5016 Datasheet HTML 6Page - Monolithic Power Systems MP5016 Datasheet HTML 7Page - Monolithic Power Systems MP5016 Datasheet HTML 8Page - Monolithic Power Systems MP5016 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP5016
– 2.7 - 15V, 0.7 - 5A, PROGRAMMABLE, CURRENT-LIMITED SWITCH
MP5016 Rev.1.0
www.MonolithicPower.com
4
6/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 5V, RLIMIT = NS, COUT = 10µF, TJ = -40°C + 125°C (6), typical value is tested at TJ = +25°C unless
otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Current
Supply current (quiescent)
IQ
EN = high, MODE =
VCC/GND/float
50
μA
EN = high, MODE connect
resistor to GND
90
μA
Supply current (shutdown)
IS
EN = GND
9
μA
Power MOSFET
On resistance
RDSon
IOUT = 1A
43
mΩ
Turn-on delay
Tdelay
DV/DT float, MODE float
500
μs
Off-state leakage current
IOFF
VIN = 12V, EN = 0V
0.1
1
μA
Under-/Over-Voltage Protection (UVP, OVP)
Under-voltage lockout rising
threshold
VUVLO
2.38
2.53
2.68
V
UVLO hysteresis
VUVLOHYS
200
mV
Output over-voltage clamp
voltage
VCLAMP
VMODE = GND, TJ = 25°C
5.5
5.75
6
V
VMODE = VCC, TJ = 25°C
14.2
15.2
16.2
V
RMODE = 76.8
kΩ, VCC = 5V,
TJ = 25°C
3.71
3.95
4.19
V
RMODE = 115
kΩ, TJ = 25°C
5.3
5.7
6.1
V
RMODE = 324
kΩ, TJ = 25°C
14.2
15.5
16.7
V
DV/DT
DV/DT slew rate
dv/dt
DV/DT float, VMODE = GND
0.4
0.8
1.2
V/ms
DV/DT float, VMODE = VCC
1.3
2
2.7
DV/DT float, MODE float
2.8
3.8
4.8
DV/DT current
IDV/DT
VDV/DT = 0.5V
4.5
6.5
8.5
μA
Current Limit
Current limit at normal
operation
ILimit_NO
Float ILIMIT, TJ = 25°C
2.3
2.5
2.7
A
RLIMIT = 604
Ω, TJ = 25°C
3.3
3.5
3.7
A
RLIMIT = 3k
Ω, TJ = 25°C
0.6
0.75
0.9
A
Enable (EN)
Enable rising threshold
VEN_RISING
1.86
2
2.16
V
Enable hysteresis
VEN_HYS
350
mV
Enable pull-down resistor
REN_DOWN
2.2
MΩ
GATE
GATE maximum source
current
IG_SOURCE_MAX
IOUT = 1A
7
12
μA
GATE maximum sink
current
IG_SINK_MAX
VCC = VSOURCE = 5V,
VGATE = 10.5V
1.3
mA
Output Discharge
Discharge resistance
RDIS
VCC = 5V
540
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com