Electronic Components Datasheet Search
  English  ▼

X  

MP5016 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5016
Description  2.7 - 15V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Blocking
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5016 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5016 Datasheet HTML 6Page - Monolithic Power Systems MP5016 Datasheet HTML 7Page - Monolithic Power Systems MP5016 Datasheet HTML 8Page - Monolithic Power Systems MP5016 Datasheet HTML 9Page - Monolithic Power Systems MP5016 Datasheet HTML 10Page - Monolithic Power Systems MP5016 Datasheet HTML 11Page - Monolithic Power Systems MP5016 Datasheet HTML 12Page - Monolithic Power Systems MP5016 Datasheet HTML 13Page - Monolithic Power Systems MP5016 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MP5016
– 2.7 - 15V, 0.7 - 5A, PROGRAMMABLE, CURRENT-LIMITED SWITCH
MP5016 Rev.1.0
www.MonolithicPower.com
10
6/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
BLOCK DIAGRAM
GND
Charge
Pump
LDO
Current
Sense
1V
Ref
ILIMIT
SOURCE
DV/DT
Control Logic
OVP
EN
4µA
8µA
80kΩ
VDD
Fast Off Comp
Current Limit Amp
Soft Start
Thermal
Sense
SOURCE
Logic
VDD
Logic for
ILIMIT floating
VCC
GATE
OVP
Limit
MODE
2.2MΩ
5.5V
1kΩ
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com