Electronic Components Datasheet Search
  English  ▼

X  

MP5016H Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5016H
Description  2.7 - 22V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Block
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5016H Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5016H Datasheet HTML 7Page - Monolithic Power Systems MP5016H Datasheet HTML 8Page - Monolithic Power Systems MP5016H Datasheet HTML 9Page - Monolithic Power Systems MP5016H Datasheet HTML 10Page - Monolithic Power Systems MP5016H Datasheet HTML 11Page - Monolithic Power Systems MP5016H Datasheet HTML 12Page - Monolithic Power Systems MP5016H Datasheet HTML 13Page - Monolithic Power Systems MP5016H Datasheet HTML 14Page - Monolithic Power Systems MP5016H Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MP5016H
– 2.7 - 22V, 0.7 - 5A, PROGRAMMABLE, CURRENT-LIMITED SWITCH
MP5016H Rev.1.0
www.MonolithicPower.com
11
5/25/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP5016H is designed to limit the inrush
current to the load when a circuit card is
inserted into a live backplane power source,
thereby limiting the backplane’s voltage drop
and the dV/dt of the voltage to the load. The
MP5016H offers an integrated solution that
monitors the input voltage, output voltage,
output current, and die temperature, which
eliminates the requirement of
an external
current sense power resistor, power MOSFET,
and thermal sense device.
Under-Voltage Lockout (UVLO)
The MP5016H can be used in a 2.7V to 22V
input supply system. There are high-energy
transients during normal operation or hot swaps.
These transients depend on the parasitic
inductance and resistance of the wire and the
capacitor at the VCC node. If a power clamp
(TVS, Tranzorb) diode is not used, the E-fuse
must be able to withstand this transient voltage.
The
MP5016H
integrates
a
high-voltage
MOSFET with up to 22V of continuous voltage
and 26V of maximum transient input voltage.
The MP5016H also uses a high-voltage circuit
for the VCC node to guarantee safe operation.
MODE
MODE is used to select the output over-voltage
protection (OVP) threshold.
Three digital inputs are provided for MODE.
Drive MODE high to VCC to set the output OVP
clamp voltage at 15.2V. Drive MODE low to
GND to set the output OVP clamp voltage at
5.75V.
Float
MODE
for
no
OVP
clamp
protection. The OVP threshold can also be set
by connecting a resistor from MODE to ground.
For more details, refer to the Application
Information section on page 13.
Soft Start (SS)
The soft-start time is related to the dV/dt slew
rate and input voltage and can be calculated
with Equation (1):
(V/ms)
dv/dt
Vin(V)
t_ss(ms)
(1)
The dV/dt slew rate is controlled by an external
DV/DT capacitor setting and the MODE setting.
Fast Output and Input OVP
To protect the downstream load when there is a
surge voltage at the input, the MP5016H
provides an output OVP function. An accurate
and fast comparator monitors the over-voltage
condition of the output. If the output voltage
rises above the threshold set by MODE, the
gate of the internal MOSFETs is pulled down
quickly and is regulated to a certain value to
keep the output voltage clamped at the OVP
threshold. The fast loop response speed keeps
the over-voltage overshoot small.
Current Limit (ILIMIT)
The MP5016H provides a constant current limit,
and the current limit can be programmed by an
external resistor.
The desired current limit is a function of the
external current limit resistor and can be
approximated with Equation (2):
LIMIT
LIMIT
0.55(V)
I
(A)
3870
R(
Ω

)
(2)
Where 3870 is the current sense ratio.
Once the current limit threshold is reached, the
internal circuit regulates the gate voltage to hold
the current in the power MOSFET constant. To
limit the current, the gate to the source voltage
must be regulated from 5V to around 1V. The
typical response time is about 15µs. During this
period, the output current may have a small
overshoot.
If the current limit condition lasts longer than
2ms, the IC enters hiccup mode with 2ms of on
time and 700ms of off time.
The MP5016H allows ILIMIT to be floated
during operation. If ILIMIT is floating, the
current limit is set at a fixed 2.5A internally.
When shorting ILIMIT to GND, the normal
current limit is disabled, but the secondary
current limit still works. The secondary current
limit is set to 8A internally. When the secondary
current limit is triggered, the IC shuts down the
power MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com