Electronic Components Datasheet Search
  English  ▼

X  

MP5016H Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5016H
Description  2.7 - 22V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Block
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5016H Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5016H Datasheet HTML 9Page - Monolithic Power Systems MP5016H Datasheet HTML 10Page - Monolithic Power Systems MP5016H Datasheet HTML 11Page - Monolithic Power Systems MP5016H Datasheet HTML 12Page - Monolithic Power Systems MP5016H Datasheet HTML 13Page - Monolithic Power Systems MP5016H Datasheet HTML 14Page - Monolithic Power Systems MP5016H Datasheet HTML 15Page - Monolithic Power Systems MP5016H Datasheet HTML 16Page - Monolithic Power Systems MP5016H Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP5016H
– 2.7 - 22V, 0.7 - 5A, PROGRAMMABLE, CURRENT-LIMITED SWITCH
MP5016H Rev.1.0
www.MonolithicPower.com
13
5/25/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Thermal Shutdown
– Auto-Retry
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die temperature exceeds
175°C, the entire chip shuts down, and EN
reports a fail mode. When the temperature
drops
below
its
lower
threshold
(typically
125°C), the chip is enable again after a 700ms
delay, typically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com