Electronic Components Datasheet Search
  English  ▼

X  

MP5075L Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5075L
Description  5.5V, 1A, Low RDS(ON) Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5075L Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5075L Datasheet HTML 1Page - Monolithic Power Systems MP5075L Datasheet HTML 2Page - Monolithic Power Systems MP5075L Datasheet HTML 3Page - Monolithic Power Systems MP5075L Datasheet HTML 4Page - Monolithic Power Systems MP5075L Datasheet HTML 5Page - Monolithic Power Systems MP5075L Datasheet HTML 6Page - Monolithic Power Systems MP5075L Datasheet HTML 7Page - Monolithic Power Systems MP5075L Datasheet HTML 8Page - Monolithic Power Systems MP5075L Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP5075L
5.5V, 1A,
Low RDS(ON) Load Switch
MP5075L Rev 1.0
www.MonolithicPower.com
1
2/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
2017 MPS. All Rights Reserved.
DESCRIPTION
The MP5075L provides up to 1A of load
protection over a 3V to 5.5V voltage range with
a small RDS(ON) in a space-saving package. The
MP5075L is a very high-efficiency and space-
saving solution for notebooks, tablets, and other
portable and battery-operated applications.
With a fixed soft-start function, the MP5075L
can prevent inrush current during circuit start-
up.
The
MP5075L
also
provides
output
discharge
functions,
over-current
protection
(OCP), and thermal shutdown features.
The max load at the output (source) is current-
limited. This is accomplished by utilizing sense
FET topology.
An internal charge pump drives the gate of the
power device, allowing for a very low on-
resistance DMOS power FET of just
80mΩ.
The MP5075L is available in a space-saving
SOT563 (1.6mmx1.6mm) package.
FEATURES
 Integrated 80mΩ Low R
DS(ON) MOSFETs
 Wide VIN Range from 3V to 5.5V
 <5µA Shutdown Current
 Typical 1.4A Current Limit
 Output Discharge Function
 Internal Fixed 450μs Soft-Start Time
 <200ns Short-Circuit Protection Response
Time
 Thermal Protection
 Available in a SOT563 (1.6mmx1.6mm)
Package
APPLICATIONS
 Notebook and Tablet Computers
 Portable Devices
 Solid-State Drives
 Handheld Devices
 USB Power Distribution
 USB Dongles
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VIN
EN
VOUT
GND
MP5075L
VIN
VOUT
EN
C1
10μF
C2
10μF
NC
2
3
4
5
1,6


Similar Part No. - MP5075L

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5075 MPS-MP5075 Datasheet
840Kb / 12P
5.5V, 2.4A, Low RDS(ON) Load Switch
MP5075GTF MPS-MP5075GTF Datasheet
840Kb / 12P
5.5V, 2.4A, Low RDS(ON) Load Switch
MP5075GTF-P MPS-MP5075GTF-P Datasheet
840Kb / 12P
5.5V, 2.4A, Low RDS(ON) Load Switch
More results

Similar Description - MP5075L

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
Load Switch with Low On-Resistance
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
Load Switch with Low On-Resistance
logo
Micrel Semiconductor
MIC95410 MICREL-MIC95410 Datasheet
843Kb / 16P
6.6m廓 RDS(ON), 7A, 5.5V VIN Load Switch in 1.2mm 횞 2.0mm QFN Package
logo
Monolithic Power System...
MP5075 MPS-MP5075 Datasheet
840Kb / 12P
5.5V, 2.4A, Low RDS(ON) Load Switch
MP5083 MPS-MP5083 Datasheet
883Kb / 14P
5.5V, 2A Low RDSON Load Switch with Current Monitoring
logo
Littelfuse
LS0504EDD12 LITTELFUSE-LS0504EDD12 Datasheet
1Mb / 8P
5.5V 4A Low-Ron Power Distribution Load Switch
2022 Littelfuse, Inc.
logo
TECH PUBLIC Electronics...
TPS27081ADDCR-TP TECHPUBLIC-TPS27081ADDCR-TP Datasheet
3Mb / 6P
Extremely Low RDS (on) P-Channel Load Switch MOSFET
logo
Monolithic Power System...
MPQ5072 MPS-MPQ5072 Datasheet
1Mb / 16P
5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
Rev. 1.0 10/16/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com