Electronic Components Datasheet Search
  English  ▼

X  

MP5075L Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5075L
Description  5.5V, 1A, Low RDS(ON) Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5075L Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5075L Datasheet HTML 4Page - Monolithic Power Systems MP5075L Datasheet HTML 5Page - Monolithic Power Systems MP5075L Datasheet HTML 6Page - Monolithic Power Systems MP5075L Datasheet HTML 7Page - Monolithic Power Systems MP5075L Datasheet HTML 8Page - Monolithic Power Systems MP5075L Datasheet HTML 9Page - Monolithic Power Systems MP5075L Datasheet HTML 10Page - Monolithic Power Systems MP5075L Datasheet HTML 11Page - Monolithic Power Systems MP5075L Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP5075L
– 5.5V, 1A, LOW RDS(ON) LOAD SWITCH
MP5075L Rev 1.0
www.MonolithicPower.com
10
2/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
2017 MPS. All Rights Reserved.
OPERATION
The MP5075L is designed to limit the inrush
current to the load when a circuit card is
inserted into a live backplane power source,
thereby limiting the backplane’s voltage drop
and the slew rate of the voltage to the load. The
MP5075L provides an integrated solution to
monitor the input voltage, output voltage, and
output current to eliminate the need for an
external current power MOSFET and current
switch device.
Enable (EN)
When the input voltage is greater than the
under-voltage
lockout
(UVLO)
threshold
(typically 2.6V), the MP5075L can be enabled
by pulling EN above 1.5V. Pull EN down to
ground to disable the MP5075L.
Current Limit
The MP5075L provides an internal, fixed, 1.4A,
constant current limit. Once the device reaches
its current limit threshold, the internal circuit
regulates the gate voltage to hold the current in
the power MOSFET constant. The typical
response time is about 20µs. The output current
may have a small overshoot during this time
period.
If the current limit block starts to regulate the
output current, the power loss on the power
MOSFET causes the IC temperature to rise. If
the junction temperature rises high enough,
thermal shutdown is triggered. After thermal
shutdown occurs, the output is disabled until
the over-temperature fault is removed. The
over-temperature
threshold
is
150°C,
and
hysteresis is 30°C.
Short-Circuit Protection (SCP)
If the load current increases rapidly due to a
short circuit, the current may exceed the current
limit threshold greatly before the control loop
can respond. If the current reaches an internal
secondary current limit level (typically 7A), a
fast turn-off circuit activates to turn off the
power MOSFET. This limits the peak current
through the switch to limit the input voltage drop.
The total short-circuit response time is about
200ns. If fast turn-off is effective, the power
MOSFET remains off
for 80μs. Afterward, the
power MOSFET is turned on again. If the part is
still in the short-circuit condition, the MP5075L
enters current limit until the part is hot enough
to trigger thermal shutdown. After the short-
circuit condition is removed, the MP5075L auto-
retries after the silicon temperature drops.
Output Discharge
The
MP5075L
has
an
output
discharge
function. This function can discharge VOUT by
the internal pull-down resistance when the IC is
disabled and the load is very light.
Soft Start (SS)
Soft start prevents large inrush current. The
soft-start time is set to 450
μs internally.
PCB Layout Guidelines
Efficient
PCB
layout
is
critical
for
stable
operation. For best results, refer to Figure 2 and
follow the guidelines below.
1. Place an input capacitor close to VIN.
2. Connect NC to GND for an easier layout.
3. Place enough vias around the IC and
enough copper area near VIN and VOUT to
achieve better thermal performance.
Figure 2: Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com