Electronic Components Datasheet Search
  English  ▼

X  

MP5075L Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5075L
Description  5.5V, 1A, Low RDS(ON) Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5075L Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5075L Datasheet HTML 4Page - Monolithic Power Systems MP5075L Datasheet HTML 5Page - Monolithic Power Systems MP5075L Datasheet HTML 6Page - Monolithic Power Systems MP5075L Datasheet HTML 7Page - Monolithic Power Systems MP5075L Datasheet HTML 8Page - Monolithic Power Systems MP5075L Datasheet HTML 9Page - Monolithic Power Systems MP5075L Datasheet HTML 10Page - Monolithic Power Systems MP5075L Datasheet HTML 11Page - Monolithic Power Systems MP5075L Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP5075L
– 5.5V, 1A, LOW RDS(ON) LOAD SWITCH
MP5075L Rev 1.0
www.MonolithicPower.com
11
2/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
2017 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
VIN
EN
VOUT
GND
MP5075L
VIN
VOUT
EN
C1
10μF
C2
10μF
NC
2
3
4
5
1,6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com