Electronic Components Datasheet Search
  English  ▼

X  

SFH-7013 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # SFH-7013
Description  Red (655 nm), Green (530 nm) and Infrared Emitter (940 nm)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7013 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button SFH-7013 Datasheet HTML 6Page - OSRAM GmbH SFH-7013 Datasheet HTML 7Page - OSRAM GmbH SFH-7013 Datasheet HTML 8Page - OSRAM GmbH SFH-7013 Datasheet HTML 9Page - OSRAM GmbH SFH-7013 Datasheet HTML 10Page - OSRAM GmbH SFH-7013 Datasheet HTML 11Page - OSRAM GmbH SFH-7013 Datasheet HTML 12Page - OSRAM GmbH SFH-7013 Datasheet HTML 13Page - OSRAM GmbH SFH-7013 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2016-11-11
10
Version 1.1
SFH 7013
Diagrams
Emitter 3
Relative Spectral Emission 2) page 19
Irel = f(λ), TA = 25°C
Radiant Intensity 2) page 19
Ie / Ie(20 mA) = f(IF), single pulse, tp = 100 µs,
TA= 25°C
800
0
nm
%
OHF04134
20
40
60
80
100
Irel
λ
850
900
950
1025
OHF05669
3
10
Ι
e
(20 mA)
e
Ι
F
I
10
2
1
10
10
0
mA
10
-2
10
-1
10
0
10
1
2
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com