Electronic Components Datasheet Search
  English  ▼

X  

SFH-7013 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # SFH-7013
Description  Red (655 nm), Green (530 nm) and Infrared Emitter (940 nm)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7013 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button SFH-7013 Datasheet HTML 7Page - OSRAM GmbH SFH-7013 Datasheet HTML 8Page - OSRAM GmbH SFH-7013 Datasheet HTML 9Page - OSRAM GmbH SFH-7013 Datasheet HTML 10Page - OSRAM GmbH SFH-7013 Datasheet HTML 11Page - OSRAM GmbH SFH-7013 Datasheet HTML 12Page - OSRAM GmbH SFH-7013 Datasheet HTML 13Page - OSRAM GmbH SFH-7013 Datasheet HTML 14Page - OSRAM GmbH SFH-7013 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Version 1.1
SFH 7013
2016-11-11
11
Max. Permissible Forward Current
IF, max = f(TA), RthJA = 585 K / W
Forward Current 2) page 19
IF = f(VF), single pulse, tp = 100 µs, TA= 25°C
Permissible Pulse Handling Capability
IF = f(tp), TA = 25 °C, duty cycle D = parameter
0
0
˚C
TA
F
I
mA
OHF05726
10
20
30
40
50
60
70
20
40
60
80
100
0
I
OHF05642
F
VF
mA
V
10
2
3
10
0
10
1
10
1
2
3
4
tp
0
A
IF
OHF05730
-5
10
-3
-4
10
10
-1
-2
10
10
1
0
10
10 s
2
10
0.5
1
0.2
0.1
0.01
0.05
0.02
=
0.005
D
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.1
P
I
t
T
=
T
F
t
P
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com