Electronic Components Datasheet Search
  English  ▼

X  

SFH-7013 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-7013
Description  Red (655 nm), Green (530 nm) and Infrared Emitter (940 nm)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7013 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-7013 Datasheet HTML 1Page - OSRAM GmbH SFH-7013 Datasheet HTML 2Page - OSRAM GmbH SFH-7013 Datasheet HTML 3Page - OSRAM GmbH SFH-7013 Datasheet HTML 4Page - OSRAM GmbH SFH-7013 Datasheet HTML 5Page - OSRAM GmbH SFH-7013 Datasheet HTML 6Page - OSRAM GmbH SFH-7013 Datasheet HTML 7Page - OSRAM GmbH SFH-7013 Datasheet HTML 8Page - OSRAM GmbH SFH-7013 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Version 1.1
SFH 7013
2016-11-11
3
Characteristics (TA = 25 °C)
Parameter
Symbol
Values
Unit
Emitter 1
Peak wavelength
(I
F = 20 mA, tp = 20 ms)
(typ)
λ
peak
660
nm
Centroid wavelength
(IF = 20 mA, tp = 20 ms)
(typ)
λcentroid
655
nm
Spectral bandwidth at 50% of Imax
(IF = 20 mA, tp = 20 ms)
(typ)
∆λ
17
nm
Half angle
(typ)
ϕ
± 65
°
Dimensions of active chip area
(typ)
L x W
0.3 x 0.3
mm x
mm
Rise and fall time of I
e ( 10% and 90% of Ie max)
(IF = 100 mA, RL = 50 Ω)
(typ)
t
r, tf
17
ns
Forward voltage
(IF = 20 mA, tp = 20 ms)
(typ (max)) VF
2.1 (≤ 2.8)
V
Reverse current
(V
R = 5 V)
IR
not designed for
reverse operation
µA
Total radiant flux
(I
F = 20 mA, tp = 20 ms)
(typ)
Φ
e
12
mW
Radiant intensity
(IF = 20 mA, tp = 20 ms)
(typ)
I
e, typ
4
mW/sr
Radiant intensity in axial direction
(IF = 20 mA, tp = 20 ms)
(min)
Ie, min
2
mW / sr
Temperature coefficient of Ie or Φe
(I
F = 20 mA, tp = 20 ms)
(typ)
TCI
-0.7
% / K
Temperature coefficient of V
F
(I
F = 20 mA, tp = 20 ms)
(typ)
TC
V
-1.7
mV / K
Temperature coefficient of wavelength
(IF = 20 mA, tp = 20 ms)
(typ)
TC
λ
0.18
nm / K
Emitter 2
Peak emission wavelength
(I
F = 20 mA, tp = 20 ms)
(typ)
λpeak
526
nm
Centroid wavelength
(I
F = 20 mA, tp = 20 ms)
(typ)
λ
centroid
530
nm
Spectral bandwidth at 50% of I
max
(IF = 20 mA, tp = 20 ms)
(typ)
∆λ
32
nm
Half angle
(typ)
ϕ
± 65
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com