Electronic Components Datasheet Search
  English  ▼

X  

SFH-7771 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # SFH-7771
Description  Ambient Light and Proximity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7771 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button SFH-7771 Datasheet HTML 4Page - OSRAM GmbH SFH-7771 Datasheet HTML 5Page - OSRAM GmbH SFH-7771 Datasheet HTML 6Page - OSRAM GmbH SFH-7771 Datasheet HTML 7Page - OSRAM GmbH SFH-7771 Datasheet HTML 8Page - OSRAM GmbH SFH-7771 Datasheet HTML 9Page - OSRAM GmbH SFH-7771 Datasheet HTML 10Page - OSRAM GmbH SFH-7771 Datasheet HTML 11Page - OSRAM GmbH SFH-7771 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Version 1.1
8
Version 1.1
SFH 7771
Example of Proximity Setup
When proximity sensing is performed, it is
desirable that only light from a reflecting object
reaches the SFH 7771. Depending on the optical
setup, additional and unintended light paths from
the IR-Emitter to the detector may exist, which is
referred to as '(optical) crosstalk'. One measure to
avoid such crosstalk is to add a separator between
emitter and detector as drafted in the picture
below. For details please refer to our SFH 7771
application note.
Parameter
Symbol
Value
Unit
min.
typ.
max.
Proximity Sensor (PS)
Wavelength of maximum sensitivity
S,max
850
nm
Sensitivity range,
=850nm
E
e
1 ...
5000
µW/cm
2
Proximity sensor output
(E
e = 324 µW/cm
2;
Ambient irradiance = 0 µW/cm
2)
PS
out
187
234
281
counts
LED ON time for one measurement
t
LED ON
80
200
300
µs
LED current, programmable
I
LED
25
200
mA
Accuracy of LED current source
(ALS_PS_CONTROL: LED Current = 0b00)
I
LED
22.5
25
27.5
mA
Mean current consumption in PS mode
(current consumption of the pulsed LED is not
included; MODE_CONTROL(0x41) = 0x03;
all other registers are default; V
DD = 2.5V)
I
DD
90
150
µA
Mean current consumption in PS mode during
the 200µs LED pulse (t
LED ON)
(current consumption of the pulsed LED is not
included)
I
DD
6.5
8.5
mA
Temperature coefficient of proximity sensor
TC
PS
0.15
%/K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com