Electronic Components Datasheet Search
  English  ▼

X  

SFH-7771 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # SFH-7771
Description  Ambient Light and Proximity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7771 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button SFH-7771 Datasheet HTML 12Page - OSRAM GmbH SFH-7771 Datasheet HTML 13Page - OSRAM GmbH SFH-7771 Datasheet HTML 14Page - OSRAM GmbH SFH-7771 Datasheet HTML 15Page - OSRAM GmbH SFH-7771 Datasheet HTML 16Page - OSRAM GmbH SFH-7771 Datasheet HTML 17Page - OSRAM GmbH SFH-7771 Datasheet HTML 18Page - OSRAM GmbH SFH-7771 Datasheet HTML 19Page - OSRAM GmbH SFH-7771 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Version 1.1
16
Version 1.1
SFH 7771
MODE_CONTROL register (0x41)
CONTROL of PS and ALS operating modes and time settings.
Repetition time is the time between two separate measurements. Integration time is the duration for one
measurement. ALS high sensitivity modes are 1010 and 1011 with an increased integration time of
400ms. In PS operating mode: „normal mode“ only one PS measurement is performed during one PS
repetition time. In PS operating mode „twice mode“ two independent PS measurement are performed
within one PS repetition time. Both measurements are independent and can trigger the interrupt. This
feature can be used to decrease the interrupt update time if the persistence function (register 0x43) is
used.
R/W-Register 0x41
Bit
7
6
5
4
3
2
1
0
Repetition /
Integration
time
Repetition time
Reserved PS operating mode
ALS
PS
default
0 normal mode
0000
standby
standby
0 normal mode
0000
standby
standby
1 twice mode
0001
standby
10ms
0010
standby
40ms
0011
standby
100ms
0100
standby
400ms
0101
100ms / 100ms
standby
0110
100ms / 100ms
100ms
0111
100ms / 100ms
400ms
1000
400ms / 100ms
standby
1001
400ms / 100ms
100ms
1010
400ms / 400ms standby
1011
400ms / 400ms 400ms
1100
50ms / 50ms
50ms
Rest forbidden



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com