Electronic Components Datasheet Search
  English  ▼

X  

SFH-7771 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-7771
Description  Ambient Light and Proximity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7771 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-7771 Datasheet HTML 1Page - OSRAM GmbH SFH-7771 Datasheet HTML 2Page - OSRAM GmbH SFH-7771 Datasheet HTML 3Page - OSRAM GmbH SFH-7771 Datasheet HTML 4Page - OSRAM GmbH SFH-7771 Datasheet HTML 5Page - OSRAM GmbH SFH-7771 Datasheet HTML 6Page - OSRAM GmbH SFH-7771 Datasheet HTML 7Page - OSRAM GmbH SFH-7771 Datasheet HTML 8Page - OSRAM GmbH SFH-7771 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Version 1.1
SFH 7771
22.04.2016
3
Aplication diagram 2
• Emitter is driven externally over a PMOS transistor
• Bypass capacitors for V
DD and VLED are required for proper operation of the device.
• This example shows ADDR-Pin connected to GND. Therefore the I²C-Address is 0111000 binary.
• Proposed size for the pull-up resistors are 10kOhm
Pin configuration
Pin
Name
Function
1
ADDR
I²C address pin; connect to
GND for 0x38 (7 bit-address)
V
DD for 0x39 (7 bit-address)
2V
DD
Power supply pin
3
GND
Ground pin
4
TEST
Test pin; connect to GND
5
SCL
I²C bus serial clock pin
6
SDA
I²C bus serial data pin
7
INT
Interrupt pin; open drain output;
configured via I²C bus
8
LEDC
LED cathode pin; current and interval
is defined via I²C bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com