Electronic Components Datasheet Search
  English  ▼

X  

SFH-9201 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH-9201
Description  Reflective Interrupter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-9201 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH-9201 Datasheet HTML 2Page - OSRAM GmbH SFH-9201 Datasheet HTML 3Page - OSRAM GmbH SFH-9201 Datasheet HTML 4Page - OSRAM GmbH SFH-9201 Datasheet HTML 5Page - OSRAM GmbH SFH-9201 Datasheet HTML 6Page - OSRAM GmbH SFH-9201 Datasheet HTML 7Page - OSRAM GmbH SFH-9201 Datasheet HTML 8Page - OSRAM GmbH SFH-9201 Datasheet HTML 9Page - OSRAM GmbH SFH-9201 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
2012-08-23
6
Version 1.0 (not for new design)
SFH 9201
Collector Current
Kollektorstrom
IC / ICmax = f(d), TA = 25°C
Permissible Power Dissipation
Verlustleistung
Ptot = f(TA)
Switching Characteristics
Schaltverhalten
t = f(RL), TA = 25 °C, IF = 10 mA
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f(TA)
0
OHO02255
Ι
C
d
0
max
C
Ι
20
40
60
80
%
100
12
3
4 mm 5
Kodak neutral
white test card
Mirror
OHL00945
0
020
40
60
80 ˚C 100
mW
tot
P
T
A
Total power dissipation
20
40
60
80
100
120
160
Detector
Emitter
OHO00785
t
L
R
10 1
10 -1
10 2
10 3
s
10 0
10 1
k
Ω
μ
ΙC 100 μA
t on
=
= 1 mA
C
Ι
t off
t on
t off
OHL00986
0
020
40
60
80 ˚C 100
mA
F
I
T
A
20
40
60
80
100
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com