Electronic Components Datasheet Search
  English  ▼

X  

SFH-9201 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # SFH-9201
Description  Reflective Interrupter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-9201 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button SFH-9201 Datasheet HTML 7Page - OSRAM GmbH SFH-9201 Datasheet HTML 8Page - OSRAM GmbH SFH-9201 Datasheet HTML 9Page - OSRAM GmbH SFH-9201 Datasheet HTML 10Page - OSRAM GmbH SFH-9201 Datasheet HTML 11Page - OSRAM GmbH SFH-9201 Datasheet HTML 12Page - OSRAM GmbH SFH-9201 Datasheet HTML 13Page - OSRAM GmbH SFH-9201 Datasheet HTML 14Page - OSRAM GmbH SFH-9201 Datasheet HTML 15Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
2012-08-23
14
Version 1.0 (not for new design)
SFH 9201
Glossary
Glossar
1)
Thermal resistance: Mounting on PC-board with >
5 mm2 pad size
1)
Wärmewiderstand: Montage auf PC-Board mit > 5
mm2 Padgröße
2) IC as a function of the forward current of the emitting
diode, the degree of reflection and the distance
between reflector and component (d)
2) IC eingestellt über den Durchlassstrom der
Sendediode, den Reflexionsgrad und den Abstand
des Reflektors vom Bauteil (d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com