Electronic Components Datasheet Search
  English  ▼

X  

SFH-9201 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH-9201
Description  Reflective Interrupter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-9201 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button SFH-9201 Datasheet HTML 3Page - OSRAM GmbH SFH-9201 Datasheet HTML 4Page - OSRAM GmbH SFH-9201 Datasheet HTML 5Page - OSRAM GmbH SFH-9201 Datasheet HTML 6Page - OSRAM GmbH SFH-9201 Datasheet HTML 7Page - OSRAM GmbH SFH-9201 Datasheet HTML 8Page - OSRAM GmbH SFH-9201 Datasheet HTML 9Page - OSRAM GmbH SFH-9201 Datasheet HTML 10Page - OSRAM GmbH SFH-9201 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Version 1.0 (not for new design)
SFH 9201
2012-08-23
7
Transistor Capacitance
Transistor Kapazität
CCE = f(VCE), f = 1 MHz, E = 0, TA = 25°C
Dark Current
Dunkelstrom
ICEO = f(TA), VCE = 20 V, E = 0
Collector Current
Kollektorstrom
IC = f(IF), d = 1 mm, 90% reflection, TA = 25°C
Forward Voltage
Durchlassspannung
VF = f(T)
OHO00374
10
C CE
-2
pF
V
CE
50
-1
10
0
10
1
10
2
10
V
40
35
30
25
20
15
10
5
0
T
OHF02342
A
0
CEO
Ι
-1
10
10
0
10
1
10
2
10
3
nA
20
40
60
80
100
˚C
OHO00783
0
C
Ι
mA
0
mA
F
Ι
0.5
1.0
1.5
2.0
2.5
3.0
4
8
12
16
20
=5 V
CE
V
1
OHO02256
T
-40
F
V
-20
0
20
40
60
100
1.05
1.10
1.15
1.20
1.25
1.30
V
5 mA
10 mA
Ι
F = 20 mA
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com