Electronic Components Datasheet Search
  English  ▼

X  

LT3063 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3063
Description  45V VIN, Micropower, Low Noise, 200mA LDO with Active Output Discharge
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3063 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3063 Datasheet HTML 5Page - Linear Technology LT3063 Datasheet HTML 6Page - Linear Technology LT3063 Datasheet HTML 7Page - Linear Technology LT3063 Datasheet HTML 8Page - Linear Technology LT3063 Datasheet HTML 9Page - Linear Technology LT3063 Datasheet HTML 10Page - Linear Technology LT3063 Datasheet HTML 11Page - Linear Technology LT3063 Datasheet HTML 12Page - Linear Technology LT3063 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LT3063 Series
9
3063fa
For more information www.linear.com/LT3063
TYPICAL PERFORMANCE CHARACTERISTICS
RMS Output Noise
vs Feedforward Capacitor (CFF)
5V 10Hz to 100kHz Output Noise
CREF/BYP = 10nF, CFF = 0
5V 10Hz to 100kHz Output Noise
CREF/BYP = 10nF, CFF = 10nF
RMS Output Noise
vs CREF/BYP, VOUT = 0.6V
RMS Output Noise vs Load Current
CREF/BYP = 10nF, CFF = 0
LOAD CURRENT (mA)
0.01
0
70
80
90
100
40
50
60
30
20
10
110
0.1
10
100
3063 G37
1
CREF/BYP = 10nF
CREF/BYP = 100pF
CREF/BYP = 10pF
CREF/BYP = 0
CREF/BYP = 1nF
f = 10Hz TO 100kHz
COUT = 10µF
LOAD CURRENT (mA)
0.01
0
70
80
90
100
110
120
130
140
150
40
50
60
30
20
10
160
0.1
10
100
3063 G38
1
f = 10Hz TO 100kHz
COUT = 10µF
VOUT= 0.6V
VOUT= 1.2V
VOUT= 2.5V
VOUT= 3.3V
VOUT= 5V
FEEDFORWARD CAPACITOR, CFF (nF)
0.01
0
70
80
90
100
110
120
40
50
60
30
20
10
130
0.1
10
3063 G39
1
f = 10Hz TO 100kHz
CREF/BYP = 10nF
COUT = 10µF
IFB-DIVIDER = 5µA
ILOAD = 200mA
VOUT = 5V
VOUT = 0.6V
VOUT = 3.3V
VOUT = 1.2V
VOUT = 2.5V
1ms/DIV
3063 G40
COUT = 10µF
ILOAD = 200mA
VOUT
100µV/DIV
1ms/DIV
3063 G41
COUT = 10µF
ILOAD = 200mA
VOUT
100µV/DIV
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com