Electronic Components Datasheet Search
  English  ▼

X  

LT3063 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3063
Description  45V VIN, Micropower, Low Noise, 200mA LDO with Active Output Discharge
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3063 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3063 Datasheet HTML 10Page - Linear Technology LT3063 Datasheet HTML 11Page - Linear Technology LT3063 Datasheet HTML 12Page - Linear Technology LT3063 Datasheet HTML 13Page - Linear Technology LT3063 Datasheet HTML 14Page - Linear Technology LT3063 Datasheet HTML 15Page - Linear Technology LT3063 Datasheet HTML 16Page - Linear Technology LT3063 Datasheet HTML 17Page - Linear Technology LT3063 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
LT3063 Series
14
3063fa
For more information www.linear.com/LT3063
Output Capacitance
The LT3063 regulator is stable with a wide range of output
capacitors. The ESR of the output capacitor affects stabil-
ity, most notably with small capacitors. Use a minimum
output capacitor of 3.3µF with an ESR of 3Ω or less to
prevent oscillations. The LT3063 is a micropower device
and output load transient response is a function of output
capacitance.Largervaluesofoutputcapacitancedecrease
the peak deviations and provide improved transient re-
sponseforlargerloadcurrentchanges.Bypasscapacitors,
used to decouple individual components powered by the
LT3063, will increase the effective output capacitor value.
For applications with large load current transients, a low
ESR ceramic capacitor in parallel with a bulk tantalum
capacitor often provides an optimally damped response.
Give extra consideration to the use of ceramic capacitors.
Manufacturers make ceramic capacitors with a variety of
dielectrics, each with different behavior across tempera-
ture and applied voltage. The most common dielectrics
are specified with EIA temperature characteristic codes
of Z5U, Y5V, X5R and X7R. The Z5U and Y5V dielectrics
provide high C-V products in a small package at low cost,
but exhibit strong voltage and temperature coefficients as
shown in Figures 4 and 5. When used with a 5V regulator,
a 16V 10µF Y5V capacitor can exhibit an effective value
as low as 1µF to 2µF for the DC bias voltage applied and
over the operating temperature range. The X5R and X7R
dielectrics yield much more stable characteristics and are
more suitable for use as the output capacitor. The X7R
type works over a wider temperature range and has better
temperaturestability,whiletheX5Rislessexpensiveandis
availableinhighervalues.Carestillmustbeexercisedwhen
using X5R and X7R capacitors; the X5R and X7R codes
only specify operating temperature range and maximum
capacitancechangeovertemperature.Capacitancechange
due to DC bias with X5R and X7R capacitors is better than
Y5VandZ5Ucapacitors,butcanstillbesignificantenough
to drop capacitor values below appropriate levels. Capaci-
tor DC bias characteristics tend to improve as component
case size increases, but expected capacitance at operating
voltage should be verified.
APPLICATIONS INFORMATION
Voltage and temperature coefficients are not the only
sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates
DC BIAS VOLTAGE (V)
3063 F04
20
0
–20
–40
–60
–80
–100
0
4
8
10
2
6
12
14
X5R
Y5V
16
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10µF
TEMPERATURE (°C)
–50
40
20
0
–20
–40
–60
–80
–100
25
75
3063 F05
–25
0
50
100
125
Y5V
X5R
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10µF
Figure 4. Ceramic Capacitor DC Bias Characteristics
Figure 5. Ceramic Capacitor Temperature Characteristics
Figure 6. Noise Resulting from Tapping on a Ceramic Capacitor
4ms/DIV
3063 F06
VOUT
500µV/DIV
VOUT = 0.6V
COUT = 10µF
CREF/BYP = 10nF
ILOAD = 100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com