Electronic Components Datasheet Search
  English  ▼

X  

LT3063 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3063
Description  45V VIN, Micropower, Low Noise, 200mA LDO with Active Output Discharge
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3063 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3063 Datasheet HTML 9Page - Linear Technology LT3063 Datasheet HTML 10Page - Linear Technology LT3063 Datasheet HTML 11Page - Linear Technology LT3063 Datasheet HTML 12Page - Linear Technology LT3063 Datasheet HTML 13Page - Linear Technology LT3063 Datasheet HTML 14Page - Linear Technology LT3063 Datasheet HTML 15Page - Linear Technology LT3063 Datasheet HTML 16Page - Linear Technology LT3063 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LT3063 Series
13
3063fa
For more information www.linear.com/LT3063
APPLICATIONS INFORMATION
Bypass Capacitance, Output Voltage Noise and
Transient Response
The LT3063 regulator provides low output voltage noise
over the 10Hz to 100kHz bandwidth while operating at full
load with the addition of a bypass capacitor (CREF/BYP)
from the REF/BYP pin to GND. A good quality low leak-
age capacitor is recommended. This capacitor bypasses
the reference of the regulator, providing a low frequency
noise pole for the internal reference. With the use of 10nF
for CREF/BYP, the output voltage noise decreases to as
low as 30µVRMS when the output voltage is set for 0.6V.
For higher output voltages (generated by using a resistor
divider), the output voltage noise gains up accordingly
when using CREF/BYP by itself.
To lower the output voltage noise for higher output volt-
ages, include a feedforward capacitor (CFF) from VOUT
to the ADJ pin. A good quality, low leakage capacitor is
recommended.Thiscapacitorbypassestheerroramplifier
oftheregulator,providingalowfrequencynoisepole.With
the use of 5nF for both CFF and CREF/BYP, output voltage
noise decreases to 30µVRMS when the output voltage is
set to 5V by a 5µA feedback resistor divider. If the cur-
rent in the feedback resistor divider is doubled, CFF must
also be doubled to achieve equivalent noise performance.
Higher values of output voltage noise may be measured
if care is not exercised with regard to circuit layout and
testing.Crosstalkfromnearbytracescaninduceunwanted
noiseontotheLT3063’soutput.Powersupplyripplerejec-
tion must also be considered. The LT3063 regulator does
not have unlimited power supply rejection and will pass
a small portion of the input noise through to the output.
Using a feedforward capacitor (CFF) from VOUT to the ADJ
pin has the added benefit of improving transient response
foroutputvoltagesgreaterthan0.6V.Withnofeedforward
capacitor, the settling time will increase as the output
voltage is raised above 0.6V. Use the equation in Figure 2
to determine the minimum value of CFF to achieve a
transient response that is similar to 0.6V output voltage
performance regardless of the chosen output voltage (see
Figure3andTransientResponseintheTypicalPerformance
Characteristics section).
Feedforward capacitance can also be used in fixed-voltage
parts; the feedforward capacitor is connected from OUT
to ADJ in the same manner. In this case, the current in
the internal feedback resistor divider is 5μA.
During start-up, the internal reference soft-starts if a refer-
ence bypass capacitor is present. Regulator startup time
is directly proportional to the size of the bypass capacitor,
slowing to 6ms with a 10nF bypass capacitor (See SHDN
Transient Response vs REF/BYP Capacitor in the Typical
Performance Characteristics section). The reference by-
pass capacitor is actively pulled low during shutdown to
reset the internal reference.
Start-up time is also affected by the use of a feedforward
capacitor. Start-up time is directly proportional to the size
of the feedforward capacitor and output voltage, and is
inversely proportional to the feedback resistor divider cur-
rent, slowing to 15ms with a 4.7nF feedforward capacitor
and a 10µF output capacitor for an output voltage set to
5V by a 5µA feedback resistor divider.
3063 F02
IN
SHDN
OUT
ADJ
GND REF/BYP
LT3063
VIN
VOUT
CREF/BYP
CFF
COUT
R2
R1
CFF
10nF
10µA
• IFB–DIVIDER
(
)
IFB–DIVIDER =
VOUT
R1
+R2
Figure 2. Feedforward Capacitor for Fast Transient Response
Figure 3. Transient Response vs Feedforward Capacitor
100µs/DIV
VOUT = 5V
COUT = 10µF
IFB-DIVIDER = 5µA
0
1nF
10nF
LOAD CURRENT
200mA/DIV
10pF
3063 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com