Electronic Components Datasheet Search
  English  ▼

X  

MP5086 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP5086
Description  5.5V, 7A, Low RDSON Load Switch with Current Monitoring and NTC Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5086 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP5086 Datasheet HTML 1Page - Monolithic Power Systems MP5086 Datasheet HTML 2Page - Monolithic Power Systems MP5086 Datasheet HTML 3Page - Monolithic Power Systems MP5086 Datasheet HTML 4Page - Monolithic Power Systems MP5086 Datasheet HTML 5Page - Monolithic Power Systems MP5086 Datasheet HTML 6Page - Monolithic Power Systems MP5086 Datasheet HTML 7Page - Monolithic Power Systems MP5086 Datasheet HTML 8Page - Monolithic Power Systems MP5086 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP5086 –5.5V, 7A, LOW RDSON LOAD SWITCH WITH CURRENT MONITORING AND NTC COMPARATOR
MP5086 Rev.1.0
www.MonolithicPower.com
5
11/6/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
EN
Enable Input. EN high logic cause IC works in normal mode. EN low logic cause IC
works in bypass mode.
2
GND
Ground.
3
NTC
Thermistor Input. Connect a resistor from this pin to VOUT and a thermistor from this
pin to ground.
4
IMON
Output Current Monitor. Provides a voltage proportional to the current flowing
through the power device. Place a resistor to ground to set the gain.
5
BP
Bypass FET Output. When EN is low, the main FET is off and bypass FET is on.
6, 11
VIN
Input Power Supply Voltage to the Control Circuitry.
7, 8, 9,
10
VOUT
Output to the Load.
12
OTP
Over Temperature Indicator. When NTC comparator senses the over temperature
condition happened or thermal shutdown is triggered, the OTP voltage will be pulled
high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com