Electronic Components Datasheet Search
  English  ▼

X  

MP5086 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5086
Description  5.5V, 7A, Low RDSON Load Switch with Current Monitoring and NTC Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5086 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5086 Datasheet HTML 1Page - Monolithic Power Systems MP5086 Datasheet HTML 2Page - Monolithic Power Systems MP5086 Datasheet HTML 3Page - Monolithic Power Systems MP5086 Datasheet HTML 4Page - Monolithic Power Systems MP5086 Datasheet HTML 5Page - Monolithic Power Systems MP5086 Datasheet HTML 6Page - Monolithic Power Systems MP5086 Datasheet HTML 7Page - Monolithic Power Systems MP5086 Datasheet HTML 8Page - Monolithic Power Systems MP5086 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP5086
5.5V, 7A, Low RDSON Load Switch
with Current Monitoring and NTC Comparator
MP5086 Rev.1.0
www.MonolithicPower.com
1
11/6/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP5086 is a load switch, designed to
provide 7A load protection covering 2.3V to
5.5V voltage range. With low RDSON in tiny
package, the MP5086 provides very high
efficiency and space-saving solution for smart
phone, tablet and other portable applications.
The MP5086 is equipped with the very accurate
current monitoring function. The gain of the
current monitor can be scaled for different
applications. MP5086 has a NTC (Negative
Temperature Coefficient Thermistor) interface.
It can be used to set over temperature
threshold. The MP5086 also provides other
features, like fast short-circuit response time,
and thermal shutdown features.
This device comes in a tiny 2mmx2mm QFN12
package.
FEATURES
•
Output Current Monitoring Accurate High to
3%
• VIN Range: 2.3V to 5.5V
• Integrated 11mΩ Low RDSON FETs
• Typical 7A Load Current
• <1µA Supply Current at Bypass Mode
• Integrated NTC Interface
• Open-Drain OTP Indicator
• <200ns Short-Circuitry Response Protection
• Thermal Protection
• Transportation Mode Available
• Small 2mmx2mm QFN Package
APPLICATIONS
• Storage Drives
• Portable/Handheld Devices
• Wireless/Networking Cards
• Low Voltage I/O System Power
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
0
2
4
6
8
10
12
14
16
18
-50
0
50
100
150


Similar Part No. - MP5086

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MP508 MCC-MP508 Datasheet
77Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP508 MCC-MP508 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Leshan Radio Company
MP508 LRC-MP508 Datasheet
193Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Micro Commercial Compon...
MP508 MCC-MP508 Datasheet
417Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Rectron Semiconductor
MP508 RECTRON-MP508 Datasheet
568Kb / 5P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 50 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2020-09 REV: B
More results

Similar Description - MP5086

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ5073 MPS-MPQ5073 Datasheet
1Mb / 13P
5.5V, 2A Low RDSON Load Switch with Programmable Current Limit AEC-Q100 Qualified
MP5021 MPS-MP5021 Datasheet
966Kb / 19P
12V, 7mohm RDSon Hot-Swap Protection Device with Current Monitoring
MP5073 MPS-MP5073 Datasheet
972Kb / 16P
5.5V, 2A Low RDSON Load Switch With Programmable Current Limit
MP5077 MPS-MP5077 Datasheet
441Kb / 14P
5.5V, 7A, Low RDSON Load Switch With Programmable Current Limit
MP5083 MPS-MP5083 Datasheet
883Kb / 14P
5.5V, 2A Low RDSON Load Switch with Current Monitoring
MP5087 MPS-MP5087 Datasheet
975Kb / 15P
5.5V, 7A Low RDSON Load Switch with Current Monitoring
MP5087A MPS-MP5087A Datasheet
594Kb / 14P
5.5V, 7A Low RDSON Load Switch with Programmable Current Limit, Power Good, and Output Discharge Function
MP5092 MPS-MP5092 Datasheet
425Kb / 15P
Dual 5.5V, 7.5A Programmable Current Low RDSON Load Switch with Output Discharge Function
logo
Semtech Corporation
SC33001A SEMTECH-SC33001A Datasheet
457Kb / 14P
3A Low VIN Ultra-Low Rdson Load Switch
logo
Alpha & Omega Semicondu...
AOZ1363DI AOSMD-AOZ1363DI Datasheet
1Mb / 13P
16V High Current Load Switch with Rapid Turn-Off and Current Monitoring Protection
Rev. 1.0 July 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com