Electronic Components Datasheet Search
  English  ▼

X  

MP5086 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP5086
Description  5.5V, 7A, Low RDSON Load Switch with Current Monitoring and NTC Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5086 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP5086 Datasheet HTML 6Page - Monolithic Power Systems MP5086 Datasheet HTML 7Page - Monolithic Power Systems MP5086 Datasheet HTML 8Page - Monolithic Power Systems MP5086 Datasheet HTML 9Page - Monolithic Power Systems MP5086 Datasheet HTML 10Page - Monolithic Power Systems MP5086 Datasheet HTML 11Page - Monolithic Power Systems MP5086 Datasheet HTML 12Page - Monolithic Power Systems MP5086 Datasheet HTML 13Page - Monolithic Power Systems MP5086 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
MP5086 –5.5V, 7A, LOW RDSON LOAD SWITCH WITH CURRENT MONITORING AND NTC COMPARATOR
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP5086 Rev.1.0
www.MonolithicPower.com
14
11/6/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN-12 (2mmx2mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com