Electronic Components Datasheet Search
  English  ▼

X  

MP5087GG Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP5087GG
Description  5.5V, 7A Low RDSON Load Switch with Current Monitoring
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5087GG Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP5087GG Datasheet HTML 1Page - Monolithic Power Systems MP5087GG Datasheet HTML 2Page - Monolithic Power Systems MP5087GG Datasheet HTML 3Page - Monolithic Power Systems MP5087GG Datasheet HTML 4Page - Monolithic Power Systems MP5087GG Datasheet HTML 5Page - Monolithic Power Systems MP5087GG Datasheet HTML 6Page - Monolithic Power Systems MP5087GG Datasheet HTML 7Page - Monolithic Power Systems MP5087GG Datasheet HTML 8Page - Monolithic Power Systems MP5087GG Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MP5087
– 5.5V, 7A LOW RDSON LOAD SWITCH WITH CURRENT MONITORING
MP5087 Rev. 1.2
www.MonolithicPower.com
5
8/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN-12
(2mmx2mm)
Pin #
Name
Description
1
EN
Enable Input. Pulling this pin below the specified threshold shuts the chip down.
2
GND
Ground.
3
VCC
Supply Voltage to the Control Circuitry.
4
IMON
Output Current Monitor. Provides a voltage proportional to the current flowing through the
power device. Place a resistor to ground to set the gain.
5
SS
Soft Start Pin. An external capacitor connected to this pin sets the slew rate of the output
voltage soft start period.
6, 11
VIN
Input Power Supply.
7, 8, 9, 10
VOUT
Output to the Load.
12
PG
Power Good Pin. Push-Pull output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com