Electronic Components Datasheet Search
  English  ▼

X  

MP5087GG Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5087GG
Description  5.5V, 7A Low RDSON Load Switch with Current Monitoring
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5087GG Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5087GG Datasheet HTML 7Page - Monolithic Power Systems MP5087GG Datasheet HTML 8Page - Monolithic Power Systems MP5087GG Datasheet HTML 9Page - Monolithic Power Systems MP5087GG Datasheet HTML 10Page - Monolithic Power Systems MP5087GG Datasheet HTML 11Page - Monolithic Power Systems MP5087GG Datasheet HTML 12Page - Monolithic Power Systems MP5087GG Datasheet HTML 13Page - Monolithic Power Systems MP5087GG Datasheet HTML 14Page - Monolithic Power Systems MP5087GG Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP5087
– 5.5V, 7A LOW RDSON LOAD SWITCH WITH CURRENT MONITORING
MP5087 Rev. 1.2
www.MonolithicPower.com
12
8/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OUT
SS
SS
SS
V
(V) C (nF)
1
T (ms)
3
I (uA)

(2)
TSS is the soft-start time, ISS is internal 9µA
constant current, CSS is external soft-start cap.
The suggestion minimum SS cap should be
bigger than 4.7nF. If the SS pin is floated or SS
cap is too small, the VOUT rising time will be just
limited by power MOS charge time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com