Electronic Components Datasheet Search
  English  ▼

X  

MP5087GG Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP5087GG
Description  5.5V, 7A Low RDSON Load Switch with Current Monitoring
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5087GG Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP5087GG Datasheet HTML 7Page - Monolithic Power Systems MP5087GG Datasheet HTML 8Page - Monolithic Power Systems MP5087GG Datasheet HTML 9Page - Monolithic Power Systems MP5087GG Datasheet HTML 10Page - Monolithic Power Systems MP5087GG Datasheet HTML 11Page - Monolithic Power Systems MP5087GG Datasheet HTML 12Page - Monolithic Power Systems MP5087GG Datasheet HTML 13Page - Monolithic Power Systems MP5087GG Datasheet HTML 14Page - Monolithic Power Systems MP5087GG Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
MP5087
– 5.5V, 7A LOW RDSON LOAD SWITCH WITH CURRENT MONITORING
MP5087 Rev. 1.2
www.MonolithicPower.com
14
8/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Soft Start @ Different Output Capacitance
VOUT
Soft Start @ Small Capacitance
Soft Start @ Large Capacitance
IIN
VOUT
IIN
VOUT
IIN
Soft Start @ Very large
Capacitance
Current Limit
Current Limit
Current Limit
Figure 3: Soft Start Periods at different
output capacitance
Design Example
Some design example and are provided below.
See Table 1 and Figure 4.
Table 1
VIN
(V)
Max Load Range
(A)
Rlimit
(k
Ω)
SS cap
(nF)
SS time
(ms)
5
3
26.1
22
4
5
5
15.8
47
9
5
7.5
10.5
100
20
Figure 4: Typical Application Schematic
Layout Guide
PCB layout is very important to achieve stable
operation. Please follow these guidelines and
take below figure for reference. Place RIMON
close to IMON pin, input cap close to VCC pin.
Put enough vias around IC to achieve better
thermal performance.
GND
EN
Vin
Vin
Vout
GND
GND
IMON
VCC
C1
C2
C3
C4
C5
C6
R1
GND
GND
PG
Figure 5: Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com