Electronic Components Datasheet Search
  English  ▼

X  

MP5090GQHT Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP5090GQHT
Description  Low IQ, Dual-Channel, 3A/2A Load Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5090GQHT Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP5090GQHT Datasheet HTML 3Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 4Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 5Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 6Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 7Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 8Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 9Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 10Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MP5090 – LOW IQ, DUAL-CHANNEL, 3A/2A LOAD SWITCH
MP5090 Rev. 1.0
www.MonolithicPower.com
7
5/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
(continued)
VIN = 3.6V, VCC = 3.6V, TA = 25°C, for MP5090GQHT, unless otherwise noted.
VOUT
2V/div.
VIN
5V/div.
VCC
2V/div.
IOUT
2A/div.
VOUT
2V/div.
VIN
5V/div.
VCC
2V/div.
IOUT
2A/div.
VOUT
2V/div.
VIN
5V/div.
VCC
2V/div.
IOUT
2A/div.
VOUT
2V/div.
VEN
5V/div.
VCC
2V/div.
IOUT
2A/div.
VOUT
2V/div.
VEN
5V/div.
VCC
2V/div.
IOUT
2A/div.
VOUT
2V/div.
VIN
2V/div.
VCC
2V/div.
IOUT
2A/div.
VOUT
2V/div.
VIN
2V/div.
VCC
2V/div.
IOUT
1A/div.
VOUT
2V/div.
VIN
2V/div.
VCC
2V/div.
IOUT
1A/div.
VOUT
2V/div.
VIN
2V/div.
VCC
2V/div.
IOUT
2A/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com