Electronic Components Datasheet Search
  English  ▼

X  

MP5090GQHT Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5090GQHT
Description  Low IQ, Dual-Channel, 3A/2A Load Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5090GQHT Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5090GQHT Datasheet HTML 7Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 8Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 9Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 10Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 11Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 12Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 13Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 14Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP5090 – LOW IQ, DUAL-CHANNEL, 3A/2A LOAD SWITCH
MP5090 Rev. 1.0
www.MonolithicPower.com
12
5/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient PCB layout is critical for stable
operation. For best results, refer to Figure 4 and
follow the guidelines below.
1. Place the caps close to the pins.
2. Place enough vias around the IC to achieve
better thermal performance.
Top Layer (TQFN)
Top Layer (CSP)
Bottom Layer
Figure 4: Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com