Electronic Components Datasheet Search
  English  ▼

X  

MP5090GQHT Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5090GQHT
Description  Low IQ, Dual-Channel, 3A/2A Load Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5090GQHT Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5090GQHT Datasheet HTML 7Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 8Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 9Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 10Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 11Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 12Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 13Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 14Page - Monolithic Power Systems MP5090GQHT Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP5090 – LOW IQ, DUAL-CHANNEL, 3A/2A LOAD SWITCH
MP5090 Rev. 1.0
www.MonolithicPower.com
11
5/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the VCC Capacitor
VCC is an internal load switch supply voltage to
the control circuitry. Use low ESR capacitors for
the best performance. Ceramic capacitors with
X5R
or
X7R
dielectrics
are
highly
recommended because of their low ESR and
small
temperature
coefficients.
For
most
applications, a 1µF capacitor is sufficient.
Selecting the Input and Output Capacitor
The input capacitor is very important for
protecting the part from input voltage spikes
when a dead short or VIN hot-plug occurs. 0805
ceramic capacitors with X5R or X7R dielectrics
are highly recommended because of their low
ESR and small temperature coefficients. For
most applications, a 10µF 0805 input capacitor
and a 1µF 0603 output capacitor are sufficient
for each channel. For high output voltage
applications, a 22µF input capacitor for each
channel is recommended.
Reverse Current Block Usage
The dual-channel load switch can be combined
into a single-channel load switch with a reverse
current block function (see Figure 2). IN1 is the
input port, and IN2 is the output port. When
EN1 = EN2 = high, the internal MOSFET is on.
When EN1 = EN2 = low, the internal MOSFET
is off, and the body diode blocks the reverse
current.
Figure 2: Reverse Current Block Usage
Parallel Channel Usage
The MP5090 can be parallel-connected to
achieve a 6A single-load switch for the
MP5090GQHT. The CSP package, MP5090GC,
can achieve 4A (see Figure 3). In this parallel
connection, IN1 is connected to IN2 externally,
and OUT1 is connected to OUT2 externally.
EN
VOUT=VIN
GND
On
Off
VCC
1.85V-5.5V
EN1
IN1
EN2
IN2
VCC
GND
OUT1
OUT2
VIN
0.5V-5.5V
Figure 3: Parallel Channel Usage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com