Electronic Components Datasheet Search
  English  ▼

X  

MP5092 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5092
Description  Dual 5.5V, 7.5A Programmable Current Low RDSON Load Switch with Output Discharge Function
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5092 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5092 Datasheet HTML 1Page - Monolithic Power Systems MP5092 Datasheet HTML 2Page - Monolithic Power Systems MP5092 Datasheet HTML 3Page - Monolithic Power Systems MP5092 Datasheet HTML 4Page - Monolithic Power Systems MP5092 Datasheet HTML 5Page - Monolithic Power Systems MP5092 Datasheet HTML 6Page - Monolithic Power Systems MP5092 Datasheet HTML 7Page - Monolithic Power Systems MP5092 Datasheet HTML 8Page - Monolithic Power Systems MP5092 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP5092
Dual 5.5V, 7.5A Programmable Current
Low RDSON Load Switch
with Output Discharge Function
MP5092 Rev. 1.0
www.MonolithicPower.com
1
1/8/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP5092 integrated a dual load switches to
provide load protection covering 0.5V to 5.5V
voltage range. Any one channel can work alone.
Each channel can provide 7.5A load capability.
With the small RDSON in tiny package, MP5092
provides very high efficient and space saving
solution in notebook and tablet or other portable
devices applications.
With the soft start function, the MP5092 can
avoid inrush current during circuit start up.
MP5092 also provides different functions, like
programmable soft start time, output discharge
functions, OCP and thermal shutdown features.
The max load at the output (source) is current
limited. This is accomplished by utilizing a
sense FET topology. The magnitude of the
current limit is controlled by an external resistor
from ILIM pin to ground.
Tiny 18 pins QFN 2mmx3mm of MP5092 is
available in space saving package.
FEATURES
• Integrated 10mΩ Low RDSON FETs
• Adjustable Start Up Slew Rate
• Wide VIN Range from 0.5V to 5.5V
• <1uA Shutdown Current
• Programmable 7.5A Current Limit Range
• Output Discharge Function
• Enable Pin
• <200ns Short-Circuitry Response Protection
• Thermal Protection
• Small QFN-18 (2mmx3mm) Package for
Space Saving
APPLICATIONS
• Notebook and Tablet Computers
• Portable Devices
• Solid State Drivers
• Handheld Devices
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP5092

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5090 MPS-MP5090 Datasheet
433Kb / 15P
Low IQ, Dual-Channel, 3A/2A Load Switch
MP5090GC MPS-MP5090GC Datasheet
433Kb / 15P
Low IQ, Dual-Channel, 3A/2A Load Switch
MP5090GQHT MPS-MP5090GQHT Datasheet
433Kb / 15P
Low IQ, Dual-Channel, 3A/2A Load Switch
MP5095 MPS-MP5095 Datasheet
686Kb / 14P
Low IQ, Dual-Channel, 2.3A Load Switch
MP5095GJ MPS-MP5095GJ Datasheet
686Kb / 14P
Low IQ, Dual-Channel, 2.3A Load Switch
More results

Similar Description - MP5092

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCK104G TOSHIBA-TCK104G Datasheet
336Kb / 12P
Load Switch IC with Current Limit function
logo
Monolithic Power System...
MPQ5073 MPS-MPQ5073 Datasheet
1Mb / 13P
5.5V, 2A Low RDSON Load Switch with Programmable Current Limit AEC-Q100 Qualified
MP5073 MPS-MP5073 Datasheet
972Kb / 16P
5.5V, 2A Low RDSON Load Switch With Programmable Current Limit
MP5077 MPS-MP5077 Datasheet
441Kb / 14P
5.5V, 7A, Low RDSON Load Switch With Programmable Current Limit
MP5083 MPS-MP5083 Datasheet
883Kb / 14P
5.5V, 2A Low RDSON Load Switch with Current Monitoring
MP5086 MPS-MP5086 Datasheet
808Kb / 14P
5.5V, 7A, Low RDSON Load Switch with Current Monitoring and NTC Comparator
MP5087 MPS-MP5087 Datasheet
975Kb / 15P
5.5V, 7A Low RDSON Load Switch with Current Monitoring
MP5087A MPS-MP5087A Datasheet
594Kb / 14P
5.5V, 7A Low RDSON Load Switch with Programmable Current Limit, Power Good, and Output Discharge Function
logo
Renesas Technology Corp
SLG59M1603V RENESAS-SLG59M1603V Datasheet
359Kb / 11P
Dual 4.5A Load Switch with Discharge and Reverse Current Blocking
February 4, 2022
logo
Monolithic Power System...
MPQ5072 MPS-MPQ5072 Datasheet
1Mb / 16P
5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
Rev. 1.0 10/16/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com