Electronic Components Datasheet Search
  English  ▼

X  

MP5092 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5092
Description  Dual 5.5V, 7.5A Programmable Current Low RDSON Load Switch with Output Discharge Function
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5092 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5092 Datasheet HTML 6Page - Monolithic Power Systems MP5092 Datasheet HTML 7Page - Monolithic Power Systems MP5092 Datasheet HTML 8Page - Monolithic Power Systems MP5092 Datasheet HTML 9Page - Monolithic Power Systems MP5092 Datasheet HTML 10Page - Monolithic Power Systems MP5092 Datasheet HTML 11Page - Monolithic Power Systems MP5092 Datasheet HTML 12Page - Monolithic Power Systems MP5092 Datasheet HTML 13Page - Monolithic Power Systems MP5092 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP5092 – DUAL 5.5V, 7.5A LOW RDSON LOAD SWITCH WITH OUTPUT DISCHARGE FUNCTION
MP5092 Rev. 1.0
www.MonolithicPower.com
10
1/8/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
(2x3)QFN18
Pin #
Name
Description
1, 13
VIN1
Input Power Supply of Switch 1.
2, 12
VOUT1
Output to the Load of Switch 1.
3, 11
VOUT2
Output to the Load of Switch 2.
4, 10
VIN2
Input Power Supply of Switch 2.
5
EN2
Enable Input of Switch 2. Pulling this pin below the specified threshold shuts the
chip down.
6, 15
GND
Ground.
7
VCC2
Switch 2’s Supply Voltage to the Control Circuitry.
8
ILIM2
Output Current Limit Configure of Switch 2. Place a resistor to ground to set the
overload current limit level.
9
SS2
Soft start control pin of load Switch 2. Connecting a capacitor from this pin to
ground to set the soft start time.
14
EN1
Enable Input of Switch 1. Pulling this pin below the specified threshold shuts the
chip down.
16
VCC1
Switch 1’s Supply Voltage to the Control Circuitry.
17
ILIM1
Output Current Limit Configure of Switch 1. Place a resistor to ground to set the
overload current limit level.
18
SS1
Soft Start Control Pin of Load Switch 1. Connecting a capacitor from this pin to
ground to set the soft start time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com