Electronic Components Datasheet Search
  English  ▼

X  

MP5092 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP5092
Description  Dual 5.5V, 7.5A Programmable Current Low RDSON Load Switch with Output Discharge Function
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5092 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP5092 Datasheet HTML 7Page - Monolithic Power Systems MP5092 Datasheet HTML 8Page - Monolithic Power Systems MP5092 Datasheet HTML 9Page - Monolithic Power Systems MP5092 Datasheet HTML 10Page - Monolithic Power Systems MP5092 Datasheet HTML 11Page - Monolithic Power Systems MP5092 Datasheet HTML 12Page - Monolithic Power Systems MP5092 Datasheet HTML 13Page - Monolithic Power Systems MP5092 Datasheet HTML 14Page - Monolithic Power Systems MP5092 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
MP5092 – DUAL 5.5V, 7.5A LOW RDSON LOAD SWITCH WITH OUTPUT DISCHARGE FUNCTION
MP5092 Rev. 1.0
www.MonolithicPower.com
14
1/8/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Design Example
Some design examples are provided below.
See Table 1 and Figure 3.
Table 1
VIN
(V)
Current limit
(A)
RLIM
(kΩ)
SS cap
(nF)
SS time
(ms)
5
3
26.1
22
4
5
5
15.8
47
9
5
7.5
10.5
100
20
Figure 3: Typical Application Schematic
Layout Guide
PCB layout is very important to achieve stable
operation. Please follow these guidelines and
take below figure for reference (take schematic
in Figure 3 as an example). Place ILIM resistor
(R1 and R2 in Figure 3) close to ILIM1/2 pin,
input cap close to VCC pin. Put enough vias
around
IC
to
achieve
better
thermal
performance.
Figure 4: Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com