Electronic Components Datasheet Search
  English  ▼

X  

MP8110DS Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8110DS
Description  Precision High-Side Current-Sense Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8110DS Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8110DS Datasheet HTML 1Page - Monolithic Power Systems MP8110DS Datasheet HTML 2Page - Monolithic Power Systems MP8110DS Datasheet HTML 3Page - Monolithic Power Systems MP8110DS Datasheet HTML 4Page - Monolithic Power Systems MP8110DS Datasheet HTML 5Page - Monolithic Power Systems MP8110DS Datasheet HTML 6Page - Monolithic Power Systems MP8110DS Datasheet HTML 7Page - Monolithic Power Systems MP8110DS Datasheet HTML 8Page - Monolithic Power Systems MP8110DS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP8110 – PRECISION HIGH-SIDE CURRENT-SENSE AMPLIFIER
MP8110 Rev. 0.9
www.MonolithicPower.com
2
9/21/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
PACKAGE REFERENCE
SHDN
NC
RG1
GND
OUT2
VCC
RG2
OUT1
1
2
3
4
8
7
6
5
TOP VIEW
Part Number*
Package
Temperature
MP8110DS
SOIC8
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP8110DS–Z)
For RoHS Compliant Packaging, add suffix –LF
(eg. MP8110DS–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
VCC, RG1, RG2 to GND..............–0.3V to +42V
Max Differential Input Voltage, RG1 to RG2..... 5V
Max Junction Temperature (Tj) ................150°C
Storage Temperature ............. –65°C to +150°C
Recommended Operating Conditions
(2)
VCC, RG1, RG2 to GND ...................2.5V to 40V
Operating Ambient Temperature–40°C to +85°C
SHDN
NC
RG1
GND
OUT2
VCC
RG2
OUT1
1
2
3
4
8
7
6
5
TOP VIEW
Part Number*
Package
Temperature
MP8110DK
MSOP8
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP8110DK–Z)
For RoHS Compliant Packaging, add suffix –LF
(eg. MP8110DK–LF–Z)
Thermal Resistance
(3)
θJA
θJC
SOIC8..................................... 90 ...... 42...
°C/W
MSOP8 .................................. 150 ..... 65...
°C/W
Continuous Power Dissipation
(TA=70°C) ...............................................800mW
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VCC = 24V, VSHDN = 0V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage
VCC
2.5
40
V
Supply Current
ICC
ILOAD = 0A, VCC = 40V
12
30
µA
Common Mode Input Voltage
VIN_CM
VCC > VIN Low
1.4
V
VCC > VIN High
40
OUT1 Input Offset Voltage
VOS1
0.4
2
mV
OUT2 Input Offset Voltage
VOS2
1
5
mV
Input Bias Current
(4)
IRG1, IRG2
4
20
nA
OUT1 Current Accuracy
IRG1/IGS
VSENSE = 100mV
±2
±5
%
No-Load OUT1 Error
VSENSE = 0V
0.1
1
µA
Low-Level OUT1 Error
VSENSE = 5mV
0.3
2
µA
No-Load OUT2 Error
VSENSE = 0V
0.01
1
µA
Low-Level OUT2 Error
VSENSE = 5mV
0.05
2
µA
Power Supply Rejection Ratio
PSRR
2.5V < VCC < 40V,
VSENSE = 100mV
70
97
dB
Shutdown Supply Current
ICC(SHDN)
VSHDN = 3V
3
6
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com