Electronic Components Datasheet Search
  English  ▼

X  

MP8110DS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8110DS
Description  Precision High-Side Current-Sense Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8110DS Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP8110DS Datasheet HTML 2Page - Monolithic Power Systems MP8110DS Datasheet HTML 3Page - Monolithic Power Systems MP8110DS Datasheet HTML 4Page - Monolithic Power Systems MP8110DS Datasheet HTML 5Page - Monolithic Power Systems MP8110DS Datasheet HTML 6Page - Monolithic Power Systems MP8110DS Datasheet HTML 7Page - Monolithic Power Systems MP8110DS Datasheet HTML 8Page - Monolithic Power Systems MP8110DS Datasheet HTML 9Page - Monolithic Power Systems MP8110DS Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MP8110 – PRECISION HIGH-SIDE CURRENT-SENSE AMPLIFIER
MP8110 Rev. 0.9
www.MonolithicPower.com
6
9/21/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN =24V, RG1=RG2=2KΩ, RG3 =20KΩ, RS =20mΩ, CGS =100pF, C5 =0.1µF, TA= +25ºC, unless otherwise
noted.
0
20
40
60
80
100
120
140
TEMPERATURE ( C)
Supply Current vs.
Temperature
VOUT1 Offset vs.
Temperature
FREQUENCY (Hz)
PSRR vs.
Frequency
TEMPERATURE ( C)
TEMPERATURE ( C)
VOUT1 vs.
Temperature
2.0A
5.0A
0.1A
Shut Down Current vs.
0
8
16
24
32
40
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
VOUT1 Error vs.
Input Voltage
vs.
Load Current
01
2
34
5
0
1
23
45
6
7
LOAD CURRENT(A)
LOAD CURRENT(A)
VOUT1 vs.
Load Current
0
0
5
10
15
20
25
30
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
200
400
600
800
1000
0
200
400
600
800
1000
1200
2
10
1826
3442
0.001
0.1
10
1000 100000 10000000
2
10
1826
3442
-40
-15
10
35
60
85
-40
-15
10
35
60
85
-45
-15
10
35
60
85
10
8
6
4
2
0
30
24
18
12
6
0
1.0
0.8
0.6
0.4
0.2
0
25
20
15
10
5
0
Output Error
VOUT1
VOUT2
Input Voltage
Supply Current vs.
Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com