Electronic Components Datasheet Search
  English  ▼

X  

MP8110DS Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8110DS
Description  Precision High-Side Current-Sense Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8110DS Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8110DS Datasheet HTML 1Page - Monolithic Power Systems MP8110DS Datasheet HTML 2Page - Monolithic Power Systems MP8110DS Datasheet HTML 3Page - Monolithic Power Systems MP8110DS Datasheet HTML 4Page - Monolithic Power Systems MP8110DS Datasheet HTML 5Page - Monolithic Power Systems MP8110DS Datasheet HTML 6Page - Monolithic Power Systems MP8110DS Datasheet HTML 7Page - Monolithic Power Systems MP8110DS Datasheet HTML 8Page - Monolithic Power Systems MP8110DS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP8110 – PRECISION HIGH-SIDE CURRENT-SENSE AMPLIFIER
MP8110 Rev. 0.9
www.MonolithicPower.com
4
9/21/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
OPERATION
The MP8110 is a current-sense amplifier with a
wide operating input voltage range of 2.5V to
40V.It has 1.4V to 40V Common-Mode range.
This feature allows the monitoring of current
flow out of a battery in deep discharge, and also
enables high-side current sensing up to the
supply voltage, VCC. Current flows through the
sense resistor, RS, which generates a sense
voltage VRS. The high precision sense amplifier
built into the MP8110 monitors the differential
voltage across RS and dynamically adjusts the
gate voltage of the internal P-channel MOSFET
to maintain a equal passing current as IRG1. The
current amplifier gain is therefore set as: RGS /
RG1.
Choosing Sensing Resistor
Given the gain and maximum load current,
select RS such that VRS does not exceed
+0.25V and VOUT1 does not exceed 5V. To
measure lower currents more accurately, use a
high value for Rs. A higher value develops a
higher sense voltage, which overcomes offset
voltage errors of the internal current amplifier.
In applications of monitoring very high current,
ensure RS is able to dissipate its own I
2R
losses. If the resistor rating power is exceeded,
its value may drift or it may fail altogether,
causing a differential voltage across the
terminals in excess of the absolute maximum
range (0.25V).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com